Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 59 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 55Page - Texas Instruments TMS320VC5421 Datasheet HTML 56Page - Texas Instruments TMS320VC5421 Datasheet HTML 57Page - Texas Instruments TMS320VC5421 Datasheet HTML 58Page - Texas Instruments TMS320VC5421 Datasheet HTML 59Page - Texas Instruments TMS320VC5421 Datasheet HTML 60Page - Texas Instruments TMS320VC5421 Datasheet HTML 61Page - Texas Instruments TMS320VC5421 Datasheet HTML 62Page - Texas Instruments TMS320VC5421 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 104 page
background image
Functional Overview
59
December 1999 − Revised October 2008
SPRS098D
Table 3−24. Bit Functions for IMR and IFR Registers for Each DSP Subsystem (Continued)
BIT
NO.
FUNCTION
BIT
VALUE
BIT
NAME
3
TINT
0
IFR/IMR: Timer has no interrupt pending/is disabled (masked).
3
TINT
1
IFR/IMR: Timer has an interrupt pending/is enabled.
2
Reserved
X
Register bit is reserved.
1
INT1
0
IFR/IMR: Ext user interrupt pin 1 has no interrupt pending/is disabled (masked).
1
INT1
1
IFR/IMR: Ext user interrupt pin 1 has an interrupt pending/is enabled.
0
INT0
0
IFR/IMR: Ext user interrupt pin 0 has no interrupt pending/is disabled (masked).
0
INT0
1
IFR/IMR: Ext user interrupt pin 0 has an interrupt pending/is enabled.
3.14 IDLE3 Power-Down Mode
The IDLE1 and IDLE2 power-down modes operate as described in the TMS320C54x DSP Reference Set,
Volume 1: CPU and Peripherals (literature number SPRU131). The IDLE3 mode is special in that the clocking
circuitry is shut off to conserve power. The 5421 cannot enter an IDLE3 mode unless both subsystems execute
an IDLE3 instruction. The power-reduced benefits of IDLE3 cannot be realized until both subsystems enter
the IDLE3 state and the internal clocks are automatically shut off. The order in which subsystems enter IDLE3
does not matter.
3.15 Emulating the 5421 Device
The 5421 is a single device, but actually consists of two independent subboundary systems that contain
register/status information used by the emulator tools. The emulator tools must be informed of the multicore
device by modifying the board.cfg file. The board.cfg file is an ASCII file that can be modified with most editors.
This provides the emulator with a description of the JTAG chain. The board.cfg file must identify two
processors when using the 5421. The file contents would look something like this:
“CPU_B” TI320C5xx
“CPU_A” TI320C5xx
Use Code Composer Studio to convert this file into a binary file (board.dat), readable by the emulation tools.
Place the board.dat file in the directory that contains the emulator software.
The subsystems are serially connected together internally. Emulation information is serially transmitted into
the device using the TDI pin. The device responds with serial scan information transmitted out the TDO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com