Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 53 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 49Page - Texas Instruments TMS320VC5421 Datasheet HTML 50Page - Texas Instruments TMS320VC5421 Datasheet HTML 51Page - Texas Instruments TMS320VC5421 Datasheet HTML 52Page - Texas Instruments TMS320VC5421 Datasheet HTML 53Page - Texas Instruments TMS320VC5421 Datasheet HTML 54Page - Texas Instruments TMS320VC5421 Datasheet HTML 55Page - Texas Instruments TMS320VC5421 Datasheet HTML 56Page - Texas Instruments TMS320VC5421 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 104 page
background image
Functional Overview
53
December 1999 − Revised October 2008
SPRS098D
Table 3−20. Peripheral Memory-Mapped Registers for Each DSP Subsystem
NAME
ADDRESS
DESCRIPTION
NAME
DEC
HEX
DESCRIPTION
DRR20
32
20
McBSP 0 Data Receive Register 2
DRR10
33
21
McBSP 0 Data Receive Register 1
DXR20
34
22
McBSP 0 Data Transmit Register 2
DXR10
35
23
McBSP 0 Data Transmit Register 1
TIM
36
24
Timer Register
PRD
37
25
Timer Period Register
TCR
38
26
Timer Control Register
—
39
27
Reserved
SWWSR
40
28
Software Wait-State Register
BSCR
41
29
Bank-Switching Control Register
—
42
2A
Reserved
SWCR
43
2B
Software Wait-State Control Register
HPIC
44
2C
HPI Control Register (HMODE=0 only)
—
45−47
2D−2F
Reserved
DRR22
48
30
McBSP 2 Data Receive Register 2
DRR12
49
31
McBSP 2 Data Receive Register 1
DXR22
50
32
McBSP 2 Data Transmit Register 2
DXR12
51
33
McBSP 2 Data Transmit Register 1
SPSA2
52
34
McBSP 2 Subbank Address Register†
SPSD2
53
35
McBSP 2 Subbank Data Register†
—
54−55
36−37
Reserved
SPSA0
56
38
McBSP 0 Subbank Address Register†
SPSD0
57
39
McBSP 0 Subbank Data Register†
—
58−59
3A−3B
Reserved
GPIO
60
3C
General-Purpose I/O Register
—
61
3D
Reserved
CSIDR
62
3E
Chip Subsystem ID register
—
63
3F
Reserved
DRR21
64
40
McBSP 1 Data Receive Register 2
DRR11
65
41
McBSP 1 Data Receive Register 1
DXR21
66
42
McBSP 1 Data Transmit Register 2
DXR11
67
43
McBSP 1 Data Transmit Register 1
—
68−71
44−47
Reserved
SPSA1
72
48
McBSP 1 Subbank Address Register†
SPSD1
73
49
McBSP 1 Subbank Data Register†
—
74−83
4A−53
Reserved
DMPREC
84
54
DMA Priority and Enable Control Register
DMSA
85
55
DMA Subbank Address Register‡
DMSDI
86
56
DMA Subbank Data Register with Autoincrement‡
DMSDN
87
57
DMA Subbank Data Register‡
CLKMD
88
58
Clock Mode Register (CLKMD)
—
89−95
59−5F
Reserved
† See Table 3−21 for a detailed description of the McBSP control registers and their subaddresses.
‡ See Table 3−22 for a detailed description of the DMA subbank addressed registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com