Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 81 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 77Page - Texas Instruments TMS320VC5421 Datasheet HTML 78Page - Texas Instruments TMS320VC5421 Datasheet HTML 79Page - Texas Instruments TMS320VC5421 Datasheet HTML 80Page - Texas Instruments TMS320VC5421 Datasheet HTML 81Page - Texas Instruments TMS320VC5421 Datasheet HTML 82Page - Texas Instruments TMS320VC5421 Datasheet HTML 83Page - Texas Instruments TMS320VC5421 Datasheet HTML 84Page - Texas Instruments TMS320VC5421 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 104 page
background image
Electrical Specifications
81
December 1999 − Revised October 2008
SPRS098D
5.14 Multichannel Buffered Serial Port (McBSP) Timing
5.14.1
McBSP Transmit and Receive Timings
The following timing requirements and switching characteristics tables assume testing over recommended
operating conditions and H = 0.5tc(CO) (see Figure 5−19 and Figure 5−20).
Table 5−21. McBSP T
ransmit and Receive Timing Requirements†
MIN
MAX
UNIT
tc(BCKRX)
Cycle time, BCLKR/X
BCLKR/X ext
4H
ns
tw(BCKRX)
Pulse duration, BCLKR/X low or BCLKR/X high
BCLKR/X ext
6
ns
th(BCKRL-BFRH)
Hold time, external BFSR high after BCLKR low
BCLKR int
0
ns
th(BCKRL-BFRH)
Hold time, external BFSR high after BCLKR low
BCLKR ext
4
ns
th(BCKRL-BDRV)
Hold time, BDR valid after BCLKR low
BCLKR int
0
ns
th(BCKRL-BDRV)
Hold time, BDR valid after BCLKR low
BCLKR ext
5
ns
th(BCKXL-BFXH)
Hold time, external BFSX high after BCLKX low
BCLKX int
0
ns
th(BCKXL-BFXH)
Hold time, external BFSX high after BCLKX low
BCLKX ext
4
ns
tsu(BFRH-BCKRL)
Setup time, external BFSR high before BCLKR low
BCLKR int
10
ns
tsu(BFRH-BCKRL)
Setup time, external BFSR high before BCLKR low
BCLKR ext
4
ns
tsu(BDRV-BCKRL)
Setup time, BDR valid before BCLKR low
BCLKR int
10
ns
tsu(BDRV-BCKRL)
Setup time, BDR valid before BCLKR low
BCLKR ext
3
ns
tsu(BFXH-BCKXL)
Setup time, external BFSX high before BCLKX low
BCLKX int
10
ns
tsu(BFXH-BCKXL)
Setup time, external BFSX high before BCLKX low
BCLKX ext
6
ns
tr(BCKRX)
Rise time, BCLKR/X
BCLKR/X ext
8
ns
tf(BCKRX)
Fall time, BCLKR/X
BCLKR/X ext
8
ns
† Polarity bits CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals is inverted, then the timing references of that signal are
also inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com