Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 91 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 87Page - Texas Instruments TMS320VC5421 Datasheet HTML 88Page - Texas Instruments TMS320VC5421 Datasheet HTML 89Page - Texas Instruments TMS320VC5421 Datasheet HTML 90Page - Texas Instruments TMS320VC5421 Datasheet HTML 91Page - Texas Instruments TMS320VC5421 Datasheet HTML 92Page - Texas Instruments TMS320VC5421 Datasheet HTML 93Page - Texas Instruments TMS320VC5421 Datasheet HTML 94Page - Texas Instruments TMS320VC5421 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 104 page
background image
Electrical Specifications
91
December 1999 − Revised October 2008
SPRS098D
5.15 Host-Port Interface Timing
The following timing requirements and switching characteristics tables assume testing over recommended
operating conditions and H = 0.5tc(CO) (see Figure 5−27 through Figure 5−34). In the following tables, DS
refers to the logical OR of HCS, HDS1, and HDS2, and HD refers to any of the HPI data bus pins (HD0, HD1,
HD2, etc.).
Table 5−35. HPI16 Mode Timing Requirements
MIN
MAX
UNIT
tsu(HBV-DSL)
Setup time, HAD valid before DS falling edge†‡
5
ns
th(DSL-HBV)
Hold time, HAD valid after DS falling edge†‡
5
ns
tsu(HBV-HSL)
Setup time, HAD valid before HAS falling edge†
5
ns
th(HSL-HBV)
Hold time, HAD valid after HAS falling edge†
5
ns
tsu(HAV-DSH)
Setup time, address valid before DS rising edge (nonmultiplexed write)‡
5
ns
tsu(HAV-DSL)
Setup time, address valid before DS falling edge (nonmultiplexed read)‡
−(4H + 5)
ns
th(DSH-HAV)
Hold time, address valid after DS rising edge (nonmultiplexed mode)‡
1
ns
tsu(HSL-DSL)
Setup time, HAS low before DS falling edge‡
5
ns
th(HSL-DSL)
Hold time, HAS low after DS falling edge‡
2
ns
tw(DSL)
Pulse duration, DS low‡
30
ns
tw(DSH)
Pulse duration, DS high‡
10
ns
Nonmultiplexed or multiplexed mode (no
increment) memory accesses (or writes to
Reads
10H + 30
ns
increment) memory accesses (or writes to
the FETCH bit) with no DMA activity.
Writes
10H + 10
ns
Cycle time, DS rising edge to
‡
Nonmultiplexed or multiplexed mode (no
increment) memory accesses (or writes to
Reads
16H + 30
ns
Cycle time, DS rising edge to
next DS rising edge‡
increment) memory accesses (or writes to
the FETCH bit) with 16-bit DMA activity.
Writes
16H + 10
ns
Nonmultiplexed or multiplexed mode (no
increment) memory accesses (or writes to
Reads
24H + 30
ns
t
§
increment) memory accesses (or writes to
the FETCH bit) with 32-bit DMA activity.
Writes
24H + 10
ns
tc(DSH-DSH)§
Cycle time, DS rising edge to
next DS rising edge‡
Multiplexed (autoincrement) memory accesses (or
writes to the FETCH bit) with no DMA activity.
10H + 10
ns
next DS rising edge‡
(In
autoincrement
mode,
WRITE timings are the same as
Multiplexed (autoincrement) memory accesses (or
writes to the FETCH bit) with 16-bit DMA activity.
16H + 10
ns
(In
autoincrement
mode,
WRITE timings are the same as
READ timings.)
Multiplexed (autoincrement) memory accesses (or
writes to the FETCH bit) with 32-bit DMA activity.
24H + 10
ns
Cycle time, DS rising edge to next DS rising edge for writes to DSPINT and HINT‡
8H
ns
Cycle time, DS rising edge to next DS rising edge for HPIC reads, HPIC XADD bit
writes, and address register reads and writes‡
40
ns
tsu(HDV-DSH)W
Setup time, HD valid before DS rising edge‡
10
ns
th(DSH-HDV)W
Hold time, HD valid after DS rising edge, write‡
1
ns
tsu(SELV-DSL)
Setup time, SELA/B valid before DS falling edge‡
5
ns
th(DSH-SELV)
Hold time, SELA/B valid after DS rising edge‡
0
ns
† HAD stands for HCNTL0, HCNTL1, and HR/W.
‡ DS refers to either HCS or HDS, whichever is controlling the transfer. Refer to the TMS320C54x DSP Reference Set, Volume 5: Enhanced
Peripherals (literature number SPRU302) for information regarding logical operation of the HPI16. These timings are shown assuming that HDS
is the signal controlling the transfer.
§ These timings are for HPI accesses which do not cross from one subsystem to the other. For accesses which do cross from one subsystem to
the other, additional cycles are required. A detailed description of these considerations is provided in the application note Memory Transfers with
TMS320VC5420 and TMS320VC5421 DSPs (literature number SPRA620).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com