Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 47 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 43Page - Texas Instruments TMS320VC5421 Datasheet HTML 44Page - Texas Instruments TMS320VC5421 Datasheet HTML 45Page - Texas Instruments TMS320VC5421 Datasheet HTML 46Page - Texas Instruments TMS320VC5421 Datasheet HTML 47Page - Texas Instruments TMS320VC5421 Datasheet HTML 48Page - Texas Instruments TMS320VC5421 Datasheet HTML 49Page - Texas Instruments TMS320VC5421 Datasheet HTML 50Page - Texas Instruments TMS320VC5421 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 104 page
background image
Functional Overview
47
December 1999 − Revised October 2008
SPRS098D
3.8.5 DMA in Autoinitialization Mode
The DMA can automatically reinitialize itself after completion of a block transfer. Some of the DMA registers
can be preloaded for the next block transfer through the DMA global reload registers (DMGSA, DMGDA,
DMGCR, and DMGFR). Autoinitialization allows:
•
Continuous operation: Normally, the CPU would have to reinitialize the DMA immediately after the
completion of the current block transfers, but with the global reload registers, it can reinitialize these values
for the next block transfer any time after the current block transfer begins.
•
Repetitive operation: The CPU does not preload the global reload register with new values for each block
transfer but only loads them on the first block transfer.
The 5421 DMA has been enhanced to expand the DMA global reload register sets. Each DMA channel now
has its own DMA global reload register set. For example, the DMA global reload register set for channel 0 has
DMGSA0, DMGDA0, DMGCR0, and DMGFR0 while DMA channel 1 has DMGSA1, DMGDA1, DMGCR1,
and DMGFR1, etc.
To utilize the additional DMA global reload registers, the AUTOIX bit is added to the DMPREC register as
shown in Figure 3−17.
15
14
13
12
11
10
98
76543
210
FREE
AUTOIX
DPRC[5:0]
IOSEL
DE[5:0]
Figure 3−17. DMPREC Register
Table 3−12. DMA Global Reload Register Selection
AUTOIX
DMA GLOBAL RELOAD REGISTER USAGE IN AUTO INIT MODE
0 (default)
All DMA channels use DMGSA0, DMGDA0, DMGCR0 and DMGFR0
1
Each DMA channel uses its own set of global reload registers
3.8.6 Subsystem Communications
The 5421 device provides two options for efficient core-to-core communications:
•
Core-to-core FIFO communications
•
DMA global memory transfer
3.8.6.1
FIFO Data Communications
The subsystems’ FIFO communications interface is shown in the 5421 functional block diagram (Figure 3−1).
Two unidirectional 8-word-deep FIFOs are available in the device for efficient interprocessor communication:
one configured for core A-to-core B data transfers, and the other configured for core B-to-core A data transfers.
Each subsystem, by way of DMA control, can write to its respective output data FIFO and read from its
respective input data FIFO. The FIFOs are accessed using the DMAs I/O space, which is completely
independent of the CPU I/O space. The DMA transfers to or from the FIFOs can be synchronized to “receive
FIFO not empty” and “transmit FIFO not full” events, providing protection from overflow and underflow.
Subsystems can interrupt each other to flag when the FIFOs are either full or empty. The interprocessor
interrupt request bit (IPIRQ) (bit 8 in the BSCR register (BSCR.8)) is set to 1 to generate a PINT in the other
subsystem’s IFR.14. See the Interrupts section (Section 3.13) for more information.
3.8.6.2
DMA Global Memory Transfers
The 5421 enables each subsystem to transfer data directly between the memories that are CPU local via DMA
global memory transfers. The DMA global memory map is shown in Figure 3−13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com