Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 27Page - Texas Instruments TMS320VC5421 Datasheet HTML 28Page - Texas Instruments TMS320VC5421 Datasheet HTML 29Page - Texas Instruments TMS320VC5421 Datasheet HTML 30Page - Texas Instruments TMS320VC5421 Datasheet HTML 31Page - Texas Instruments TMS320VC5421 Datasheet HTML 32Page - Texas Instruments TMS320VC5421 Datasheet HTML 33Page - Texas Instruments TMS320VC5421 Datasheet HTML 34Page - Texas Instruments TMS320VC5421 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 104 page
background image
Functional Overview
31
December 1999 − Revised October 2008
SPRS098D
The 5421 bootloader provides the following options for the source of code to download:
•
Parallel from 8-bit or 16-bit-wide EPROM
•
Serial boot from McBSPs, 8-bit mode
GPIO register bit 7 (ROMEN) is used to enable/disable the ROM after reset. The ROMEN bit reflects the status
of the ROMEN/GPIO0 pin for each core. ROMEN = 1 indicates that the ROM and the 8K-word program
memory block (00 E000h−00 FFFFh) are not available for a CPU write. When ROMEN = 0, this 8K-word
program memory is available and the ROM is disabled.
A combination of interrupt flags and the bit values of an external memory location determine the selection of
the various boot options.
3.4
External Interface (XIO)
The external interface (XIO) supports the 5421 master boot modes and other external accesses. Its features
include:
•
Multiplexed with the HPI pins
•
Selection of XIO or HPI mode is determined by a dedicated pin (XIO)
•
Provides 512K words of external program space, 64K words of external data space, and 64K words of
external I/O space.
•
Different boot modes are selectable by the XIO, HMODE, and A_RS/B_RS pins.
•
After reset, the control register bit ROMEN is always preset to 1.
While XIO = 0 during reset, host HPI mode is on, the host sees all RAM, and ROM is disabled. A host write
to 002Fh releases the CPUs from reset; the 002Fh write by the host clears the ROMEN bit in the GPIO register.
While XIO = 1 and ROMEN = 1 during reset, the CPU starts from ROM (0FF80h) to do boot selection. After
branching to non-ROM area, the code changes the ROMEN bit to enable the RAM area occupied by ROM.
While XIO = 1 and ROMEN = 0 during reset, the CPU starts from external (0FF80h) to do boot selection.
Table 3−3 provides a complete description of HMODE, SELA/B, and XIO pin functionality.
Table 3−3. XIO/HPI Modes
HMODE
SELA/B
HPI MODES (XIO = 0)
XIO MODES (XIO = 1)
0
0
HPI muxed address/data subsystem A slave to host
SELA/B pin is multiplexed as PPA18 output.
0
1
HPI muxed address/data subsystem B slave to host
SELA/B pin is multiplexed as PPA18 output.
1
0
HPI non-muxed address/data subsystem A slave to host
SELA/B pin is multiplexed as PPA18 output.
1
1
HPI non-muxed address/data subsystem B slave to host
SELA/B pin is multiplexed as PPA18 output.
3.5
On-Chip Peripherals
All the 54x devices have the same CPU structure; however, they have different on-chip peripherals connected
to their CPUs. The on-chip peripheral options provided are:
•
Software-programmable wait-state generator
•
Programmable bank-switching
•
Parallel I/O ports
•
Multichannel buffered serial ports (McBSPs)
•
A hardware timer
•
A software-programmable clock generator using a phase-locked loop (PLL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com