Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 36 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 32Page - Texas Instruments TMS320VC5421 Datasheet HTML 33Page - Texas Instruments TMS320VC5421 Datasheet HTML 34Page - Texas Instruments TMS320VC5421 Datasheet HTML 35Page - Texas Instruments TMS320VC5421 Datasheet HTML 36Page - Texas Instruments TMS320VC5421 Datasheet HTML 37Page - Texas Instruments TMS320VC5421 Datasheet HTML 38Page - Texas Instruments TMS320VC5421 Datasheet HTML 39Page - Texas Instruments TMS320VC5421 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 104 page
background image
Functional Overview
36
December 1999 − Revised October 2008
SPRS098D
3.6.2 HPI Features
Some of the features of the HPI16 include:
•
16-bit bidirectional data bus
•
Multiple data strobes and control signals to allow glueless interfacing to a variety of hosts
•
Multiplexed and nonmultiplexed address/data modes
•
18-bit address bus used in nonmultiplexed mode to allow access to all internal memory (including internal
extended address pages)
•
18-bit address register used in multiplexed mode. Includes address autoincrement feature for faster
accesses to sequential addresses
•
Interface to on-chip DMA module to allow access to entire internal memory space
•
HRDY signal to hold off host accesses due to DMA latency
•
Control register available in multiplexed mode only. Accessible by either host or DSP to provide host/DSP
interrupts, extended addressing, and data prefetch capability
•
Maximum data rate of 33 megabytes per second (MBps) at 100-MHz DSP clock rate (no other DMA
channels active)
The HPI16 acts as a slave to a 16-bit host processor and allows access to the on-chip memory of the DSP.
There are two modes of operation as determined by the HMODE signal: multiplexed mode and nonmultiplexed
mode.
3.6.3 HPI Multiplexed Mode
In multiplexed mode, HPI16 operation is very similar to that of the standard 8-bit HPI, which is available with
other C54x
 DSP products. A host with a multiplexed address/data bus can access the HPI16 data register
(HPID), address register (HPIA), or control register (HPIC) via the HD bidirectional data bus. The host initiates
the access with the strobe signals (HDS1, HDS2, HCS) and controls the type of access with the HCNTL,
HR/W, and HAS signals. The DSP can interrupt the host via the HINT signal, and can stall host accesses via
the HRDY signal.
3.6.4 Host/DSP Interrupts
In multiplexed mode, the HPI16 offers the capability for the host and DSP to interrupt each other through the
HPIC register.
For host-to-DSP interrupts, the host must write a “1” to the DSPINT bit of the HPIC register. This generates
an interrupt to the DSP. This interrupt can also be used to wake the DSP from any of the IDLE 1,2, or 3 states.
Note that the DSPINT bit is always read as “0” by both the host and DSP. The DSP cannot write to this bit (see
Figure 3−7).
For DSP-to-host interrupts, the DSP must write a “1” to the HINT bit of the HPIC register to interrupt the host
via the HINT pin. The host acknowledges and clears this interrupt by also writing a “1” to the HINT bit of the
HPIC register. Note that writing a “0” to the HINT bit by either host or DSP has no effect.
3.6.5 Emulation Considerations
The HPI16 can continue operation even when the DSP CPU is halted due to debugger breakpoints or other
emulation events.
3.6.6 HPI Nonmultiplexed Mode
In nonmultiplexed mode, a host with separate address/data buses can access the HPI16 data register (HPID)
via the HD 16-bit bidirectional data bus, and the address register (HPIA) via the 18-bit HA address bus. The
host initiates the access with the strobe signals (HDS1, HDS2, HCS) and controls the direction of the access
with the HR/W signal. The HPI16 can stall host accesses via the HRDY signal. Note that the HPIC register
is not available in nonmultiplexed mode since there are no HCNTL signals available. All host accesses initiate
a DMA read or write access. Figure 3−7 shows a block diagram of the HPI16 in nonmultiplexed mode.
C54x is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com