Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 25Page - Texas Instruments TMS320VC5421 Datasheet HTML 26Page - Texas Instruments TMS320VC5421 Datasheet HTML 27Page - Texas Instruments TMS320VC5421 Datasheet HTML 28Page - Texas Instruments TMS320VC5421 Datasheet HTML 29Page - Texas Instruments TMS320VC5421 Datasheet HTML 30Page - Texas Instruments TMS320VC5421 Datasheet HTML 31Page - Texas Instruments TMS320VC5421 Datasheet HTML 32Page - Texas Instruments TMS320VC5421 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 104 page
background image
Functional Overview
29
December 1999 − Revised October 2008
SPRS098D
3.1.2 On-Chip Single-Access RAM (SARAM)
The 5421 subsystems A and B each have 32K 16-bit words of on-chip SARAM (4 blocks of 8K words). Each
of these SARAM blocks can be accessed once per machine cycle. This memory is intended to store data
values only. At reset, the SARAM is disabled. The SARAM can be enabled in data memory space by setting
the DROM bit in the PMST register.
3.1.3 On-Chip Two-Way Shared RAM (DARAM)
The 5421 has 128K 16-bit words of on-chip DARAM (16 blocks of 8K words) that is shared between the two
DSP subsystems. This memory is intended to store program only. Each subsystem is able to make one
instruction fetch from any location in two-way shared memory each cycle. Neither subsystem CPU can write
to the two-way shared memory as only the DMA can write to two-way shared memory.
3.1.4 On-Chip Boot ROM
The 5421 subsystems A and B each have 2K 16-bit words of on-chip ROM. This ROM is used for bootloading
functions only. Enabling the ROM maps out one 8K-word block of the shared program memory. The ROM can
be disabled by clearing bit 7 (ROMEN) of the general-purpose I/O (GPIO) register. Table 3−1 shows the
XIO/ROMEN modes. The ROM is enabled or disabled at reset for each subsystem depending on the state
of the GPIO0 pin for that subsystem.
Table 3−1. XIO/ROMEN Modes
XIO
ROMEN/GPIO0
MODE
0
x
Fetch internal from RAM
1
0
Fetch external
1
1
ROM enabled
3.1.5 Extended Program Memory
The program memory space on the 5421 device addresses up to 512K 16-bit words. The 5421 device uses
a paged extended memory scheme in program space to allow access of up to 512K of program memory . This
extended program memory (each subsystem) is organized into eight pages (0−7), pages 0−3 are internal,
pages 4−7 are external, each 64K in length. (Pages 8−127 as defined by the program counter extension
register (XPC) are aliases for pages 4−7.) Access to the extended program memory is similar to the 5420. To
implement the extended program memory scheme, the 5421 device includes the following feature:
•
Two 54x instructions are extended to use the additional two bits in the 5421 device.
−
READA − Read program memory addressed by accumulator A and store in data memory
−
WRITA − Write data to program memory addressed by accumulator A
(Writes not allowed for CPUs to shared program memory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com