Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 26Page - Texas Instruments TMS320VC5421 Datasheet HTML 27Page - Texas Instruments TMS320VC5421 Datasheet HTML 28Page - Texas Instruments TMS320VC5421 Datasheet HTML 29Page - Texas Instruments TMS320VC5421 Datasheet HTML 30Page - Texas Instruments TMS320VC5421 Datasheet HTML 31Page - Texas Instruments TMS320VC5421 Datasheet HTML 32Page - Texas Instruments TMS320VC5421 Datasheet HTML 33Page - Texas Instruments TMS320VC5421 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 104 page
background image
Functional Overview
30
December 1999 − Revised October 2008
SPRS098D
3.1.6 Program Memory
The program memory is accessible on multiple pages, depending on the XPC value. Within these pages,
memory is accessible, depending on the address range.
•
Access in the lower 32K of each page is dependent on the state of OVLY.
−
OVLY = 0 − Program memory is accessed externally for all values of XPC.
−
OVLY = 1 − Program memory is accessed from local data/program DARAM for all values of XPC.
•
Access in the upper 32K of each page is dependent on the state of MP/MC and the value of XPC.
−
MP/MC = 0 − Program memory is accessed internally from two-way shared DARAM for XPC = 0−3.
Program memory is accessed externally for XPC = 4−127.
−
MP/MC = 1 − Program memory is accessed externally for all values of XPC.
3.1.7 Data Memory
The data memory space is a single page of 64K. Access is dependent on the address range. Access in the
lower 32K of data memory is always from local DARAM.
Access in the upper 32K of data memory is dependent on the state of DROM.
•
DROM = 0 − Data memory is accessed externally
•
DROM = 1 − Data memory is accessed internally from local SARAM
3.1.8 I/O Memory
The I/O space is a single page of 64K. Access is always external.
When XIO = 0 and an access to external memory is attempted, any write is ignored and any read is an unknown
value.
3.2
Multicore Reset Signals
The 5421 device includes three reset signals: A_RS, B_RS, and HPIRS. The A_RS and B_RS pins function
as the CPU reset signal for subsystem A and subsystem B, respectively. These signals reset the state of the
CPU registers and upon release, initiate the reset function. Additionally, the A_RS signal resets the on-chip
PLL and initializes the CLKMD register to bypass mode.
The HPI reset signal (HPIRS) places the HPI peripheral into a reset state. It is necessary to wait three clock
cycles after the rising edge of HPIRS before performing an HPI access. The HPIRS signal also resets the PLL
by turning off the PLL and initializing the CLKMD register to bypass mode.
3.3
Bootloader
The on-chip bootloader is used to automatically transfer user code from an external source to anywhere in
program memory after reset. The XIO pin is sampled during a hardware reset and the results indicate the
operating mode as shown in Table 3−2.
Table 3−2. Bootloader Operating Modes
XIO
AFTER RESET
0
HPI mode, bootload is controlled by host. The external host holds the 5421 in reset while it loads the on-chip
memory of one or both subsystems as determined by the SELA/B pin.
The host can release the 5421 from reset by either of the following methods:
1.
If the A_RS/B_RS pins are held low while HPIRS transitions from low to high, the subsystem cores reset will
be controlled by the A_RS/B_RS pins. When the host has finished downloading code, it drives A_RS/B_RS
high to release the cores from reset.
2.
If the A_RS/B_RS pins are held high while HPIRS transitions from low to high, the subsystems stay in reset
until a HPI data write to address 0x2F occurs. This means the host can download code to subsystem A and
then release core A from reset by writing any data to core A address 0x2F via the HPI. The host can then repeat
the sequence for core B. This mode allows the host to control the 5421 reset without additional hardware.
1
XIO mode. ROM is mapped in, if ROMEN pin = 1 during reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com