Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 69 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 65Page - Texas Instruments TMS320VC5421 Datasheet HTML 66Page - Texas Instruments TMS320VC5421 Datasheet HTML 67Page - Texas Instruments TMS320VC5421 Datasheet HTML 68Page - Texas Instruments TMS320VC5421 Datasheet HTML 69Page - Texas Instruments TMS320VC5421 Datasheet HTML 70Page - Texas Instruments TMS320VC5421 Datasheet HTML 71Page - Texas Instruments TMS320VC5421 Datasheet HTML 72Page - Texas Instruments TMS320VC5421 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
Electrical Specifications
69
December 1999 − Revised October 2008
SPRS098D
5.7
Ready Timing For Externally Generated Wait States
The following timing requirements table assumes testing over recommended operating conditions and
H = 0.5tc(CO) (see Figure 5−6 and Figure 5−7).
Table 5−10. Ready Timing Requirements for Externally Generated Wait States†
MIN
MAX
UNIT
tsu(RDY)
Setup time, READY before CLKOUT low
8
ns
th(RDY)
Hold time, READY after CLKOUT low
0
ns
tv(RDY)MSTRB Valid time, READY after MSTRB low‡
2H−8
ns
th(RDY)MSTRB Hold time, READY after MSTRB low‡
2H
ns
† The hardware wait states can be used only in conjunction with the software wait states to extend the bus cycles. To generate wait states by READY,
at least two software wait states must be programmed. READY is not sampled until the completion of the internal software wait states.
‡ These timings are included for reference only. The critical timings for READY are those referenced to CLKOUT
MSTRB
READY
PPA[18:0]
CLKOUT
th(RDY)
th(RDY)MSTRB
tv(RDY)MSTRB
Wait State
Generated
by READY
Wait States
Generated Internally
tsu(RDY)
Figure 5−6. Memory Read With Externally Generated Wait States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com