Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 42Page - Texas Instruments TMS320VC5421 Datasheet HTML 43Page - Texas Instruments TMS320VC5421 Datasheet HTML 44Page - Texas Instruments TMS320VC5421 Datasheet HTML 45Page - Texas Instruments TMS320VC5421 Datasheet HTML 46Page - Texas Instruments TMS320VC5421 Datasheet HTML 47Page - Texas Instruments TMS320VC5421 Datasheet HTML 48Page - Texas Instruments TMS320VC5421 Datasheet HTML 49Page - Texas Instruments TMS320VC5421 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 104 page
background image
Functional Overview
46
December 1999 − Revised October 2008
SPRS098D
These new bit fields were created to allow the user to define the space-select for the DMA (internal/external).
Also, a new extended destination data page (XDSTDP[6:0], subaddress 029h) and extended source data
page (XSRCDP[6:0], subaddress 028h) have been created.
DLAXS(DMMCRn[5])
Destination
0 = No external access (default internal)
Destination
1 = External access
SLAXS(DMMCRn[11])
Source
0 = No external access (default internal)
Source
1 = External access
For the CPU external access, software can configure the memory cells to reside inside or outside the program
address map. When the cells are mapped into program space, the device automatically accesses them when
their addresses are within bounds. When the program address generation (PAGEN) logic generates an
address outside its bounds, the device automatically generates an external access. All DMA I/O space
accesses are mapped to the core-to-core FIFO.
3.8.3 DMA Controller Synchronization Events
The transfers associated with each DMA channel can be synchronized to one of several events. The DSYN
bit field of the DMA channel x sync select and frame count (DMSFCx) register selects the synchronization
event for a channel. The list of possible events and the DSYN values are shown in Table 3−10.
Table 3−10. DMA Synchronization Events
DSYN VALUE
DMA SYNCHRONIZATION EVENT
0000b
No synchronization used
0001b
McBSP0 Receive Event
0010b
McBSP0 Transmit Event
0011b
McBSP2 Receive Event
0100b
McBSP2 Transmit Event
0101b
McBSP1 Receive Event
0110b
McBSP1 Transmit Event
0111b
FIFO Receive Buffer Not Empty Event
1000b
FIFO Transmit Buffer Not Full Event
1001b − 1111b
Reserved
3.8.4 DMA Channel Interrupt Selection
The DMA controller can generate a CPU interrupt for each of the six channels. However, channels 0, 1, 2,
and 3 are multiplexed with other interrupt sources. DMA channels 0 and 1 share an interrupt line with the
receive and transmit portions of McBSP2 (IMR/IFR bits 6 and 7), and DMA channels 2 and 3 share an interrupt
line with the receive and transmit portions of McBSP1 (IMR/IFR bits 10 and 11). When the 5421 is reset, the
interrupts from these four DMA channels are deselected. The INTSEL bit field in the DMA channel priority and
enable control (DMPREC) register can be used to select these interrupts, as shown in Table 3−11.
Table 3−11. DMA Channel Interrupt Selection
INTSEL Value
IMR/IFR[6]
IMR/IFR[7]
IMR/IFR[10]
IMR/IFR[11]
00b (reset)
BRINT2
BXINT2
BRINT1
BXINT1
01b
BRINT2
BXINT2
DMAC2
DMAC3
10b
DMAC0
DMAC1
DMAC2
DMAC3
11b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com