Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 45Page - Texas Instruments TMS320VC5421 Datasheet HTML 46Page - Texas Instruments TMS320VC5421 Datasheet HTML 47Page - Texas Instruments TMS320VC5421 Datasheet HTML 48Page - Texas Instruments TMS320VC5421 Datasheet HTML 49Page - Texas Instruments TMS320VC5421 Datasheet HTML 50Page - Texas Instruments TMS320VC5421 Datasheet HTML 51Page - Texas Instruments TMS320VC5421 Datasheet HTML 52Page - Texas Instruments TMS320VC5421 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
Functional Overview
49
December 1999 − Revised October 2008
SPRS098D
Table 3−14. General-Purpose I/O Control Register Bit Functions
BIT
NO.
BIT
NAME
BIT
VALUE
FUNCTION
15
TOUT
0
Timer output disable. Uses GPIO3 as general-purpose I/O.
15
TOUT
1
Timer output enable. Overrides DIR3. Timer output is driven on GPIO3 and readable in DAT3.
14-12
Reserved
X
Register bit is reserved. Read 0, write has no effect.
11−8
GPIO
0
GPIOn pin is used as an input.
11−8
GPIO
DIRn†
1
GPIOn pin is used as an output.
7
ROMEN‡
0
ROM is mapped out (value at reset if XIO = 0)
7
ROMEN‡
1
ROM is mapped in (value at reset if XIO = 1)
6
CORE
0
cLEAD core A is selected for XIO REQ bit. DSP subsystem A is tied low internally for this bit.
6
CORE
SEL
1
cLEAD core B is selected for XIO REQ bit. DSP subsystem B is tied high internally for this bit.
5
XIO
0
EMIF is not available to the cLEAD core determined by the CORE SEL bit.
5
XIO
GRANT
1
EMIF is granted to the cLEAD core determined by the CORE SEL bit.
4
XIO
0
EMIF is not requested for the cLEAD core indicated by the CORE SEL bit.
4
XIO
REQ
1
Request EMIF for the cLEAD core indicated by the CORE SEL bit.
3−0
GPIO
†
0
GPIOn is driven with a 0 (DIRn = 1). GPIOn is read as 0 (DIRn = 0).
3−0
GPIO
DATn†
1
GPIOn is driven with a 1 (DIRn = 1). GPIOn is read as 1 (DIRn = 0).
† n = 3, 2, 1, or 0
‡ 1 denotes XIO = 1, 0 denotes XIO = 0
Register bit 7 is used as ROMEN to enable and disable ROM space. In XIO mode, ROM enable (ROMEN)
reflects the state of the A_GPIO0 and B_GPIO0 pins (GPIODAT0 input) to enable the applicable on-chip ROM
after reset. Register bits (6:4) are used for XIO arbitration of external memory interface (EMIF) control between
DSP subsystems. The timer out (TOUT) bit is used to multiplex the output of the timer and GPIO3. All GPIO
pins are programmable as an input or output by the direction bit (DIRn). Data is either driven or read from the
data bit field (DATn). DIR3 has no affect when TOUT = 1.
GPIO2 is a special case where the logic level determines the operation of BIO-conditional instructions on the
CPU. GPIO2 is always mapped as a general-purpose I/O, but the BIO function exists when this pin is
configured as an input.
3.9.1 Hardware Timer
The 54x devices feature a 16-bit timing circuit with a 4-bit prescaler. The timer counter decrements by one at
every CLKOUT cycle. Each time the counter decrements to zero, a timer interrupt is generated. The timer can
be stopped, restarted, reset, or disabled by specific status bits. The timer output pulse is driven on GPIO3
when the TOUT bit is set to one in the general-purpose I/O control register. The device must be in HPI mode
(XIO = 0) to drive TOUT on the GPIO3 pin.
3.9.2 Software-Programmable Phase-Locked Loop (PLL)
The clock generator provides clocks to the 5421 device, and consists of a phase-locked loop (PLL) circuit. The
clock generator requires a reference clock input, which must be provided by using an external clock source.
The reference clock input is then divided by two (DIV mode) to generate clocks for the 5421 device. Alternately,
the PLL circuit can be used (PLL mode) to generate the device clock by multiplying the reference clock
frequency by a scale factor, allowing use of a clock source with a lower frequency than that of the CPU. Bypass
(multiply by 1) is the default mode at reset. The PLL is an adaptive circuit that, once synchronized, locks onto
and tracks an input clock signal. When the PLL is initially started, it enters a transitional mode during which
the PLL acquires lock with the input signal. Once the PLL is locked, it continues to track and maintain
synchronization with the input signal. Then, other internal clock circuitry allows the synthesis of new clock
frequencies for use as master clock for the 5421 device. Only subsystem A controls the PLL. Subsystem B
cannot access the PLL registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com