Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 8Page - Texas Instruments TMS320VC5421 Datasheet HTML 9Page - Texas Instruments TMS320VC5421 Datasheet HTML 10Page - Texas Instruments TMS320VC5421 Datasheet HTML 11Page - Texas Instruments TMS320VC5421 Datasheet HTML 12Page - Texas Instruments TMS320VC5421 Datasheet HTML 13Page - Texas Instruments TMS320VC5421 Datasheet HTML 14Page - Texas Instruments TMS320VC5421 Datasheet HTML 15Page - Texas Instruments TMS320VC5421 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
Introduction
12
December 1999 − Revised October 2008
SPRS098D
2
Introduction
This section describes the main features, gives a brief functional overview of the TMS320VC5421, lists the
pin assignments, and provides a signal description table. This data manual also provides a detailed
description section, electrical specifications, parameter measurement information, and mechanical data
about the available packaging.
NOTE: This data manual is designed to be used in conjunction with the TMS320C54x
 DSP Functional
Overview (literature number SPRU307).
2.1
Description
The TMS320VC5421 fixed-point digital signal processor (DSP) is a dual-core solution running at 200-MIPS
performance. The 5421 consists of two DSP subsystems capable of core-to-core communications and a
128K-word zero-wait-state on-chip program memory shared by the two DSP subsystems. Each subsystem
consists of one 54x DSP core, 32K-word program/data DARAM, 32K-word data SARAM, 2K-word ROM, three
multichannel serial interfaces, xDMA logic, one timer, one APLL, and other miscellaneous circuitry.
The 5421 also contains a host-port interface (HPI) that allows the 5421 to be viewed as a memory-mapped
peripheral to a host processor. The 5421 is pin-compatible with the TMS320VC5420.
Each subsystem has its separate program and data spaces, allowing simultaneous accesses to program
instructions and data. Two read operations and one write operation can be performed in one cycle. Instructions
with parallel store and application-specific instructions can fully utilize this architecture. Furthermore, data can
be transferred between program and data spaces. Such parallelism supports a powerful set of arithmetic,
logic, and bit-manipulation operations that can all be performed in a single machine cycle. The 5421 includes
the control mechanisms to manage interrupts, repeated operations, and function calls. In addition, the 5421
has 128K words of on-chip program memory that can be shared between the two subsystems.
The 5421 is intended as a high-performance, low-cost, high-density DSP for remote data access or voice-over
IP subsystems. It is designed to maintain the current modem architecture with minimal hardware and software
impacts, thus maximizing reuse of existing modem technologies and development efforts.
2.2
Migration From the 5420 to the 5421
Customers migrating from the 5420 to the 5421 need to take into account the following:
•
The memory structure of the 5421 has been changed to incorporate 128K x 16-bit words of two-way
shared memory.
•
The DMA of the 5421 has been enhanced to provide access to external, as well as internal memory.
•
The HPI and DMA memory maps have been changed to incorporate the new memory 5421.
•
2K x 16-bit words of ROM have been added to the 5421 for bootloading purposes only.
•
The VCO pin on the 5420 has been replaced with the HOLDA pin on the 5421 and the HOLD pin was
added to the 5421 at a previously unused pin location.
•
The McBSPs have been updated with a new mode that allows 128-channel selection capability.
•
McBSP CLKX/R pins can be used as inputs to internal clock rate generator for CLKS-like function without
the penalty of extra pins.
•
The SELA/B pin on 5421 is changed to type I/O/Z for added functionality.
NOTE:
For additional information, see TMS320VC5420 to TMS320VC5421 DSP Migration (literature
number SPRA621).
TMS320C54x is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com