Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 7Page - Texas Instruments TMS320VC5421 Datasheet HTML 8Page - Texas Instruments TMS320VC5421 Datasheet HTML 9Page - Texas Instruments TMS320VC5421 Datasheet HTML 10Page - Texas Instruments TMS320VC5421 Datasheet HTML 11Page - Texas Instruments TMS320VC5421 Datasheet HTML 12Page - Texas Instruments TMS320VC5421 Datasheet HTML 13Page - Texas Instruments TMS320VC5421 Datasheet HTML 14Page - Texas Instruments TMS320VC5421 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
Features
11
December 1999 − Revised October 2008
SPRS098D
1
TMS320VC5421 Features
D 200-MIPS Dual-Core DSP Consisting of Two
Independent Subsystems
D Each Core Has an Advanced Multibus
Architecture With Three Separate 16-Bit
Data Memory Buses and One Program Bus
D 40-Bit Arithmetic Logic Unit (ALU)
Including a 40-Bit Barrel-Shifter and Two
40-Bit Accumulators Per Core
D Each Core Has a 17-Bit × 17-Bit Parallel
Multiplier Coupled to a 40-Bit Adder for
Non-Pipelined Single-Cycle Multiply/
Accumulate (MAC) Operations
D Each Core Has a Compare, Select, and
Store Unit (CSSU) for the Add/Compare
Selection of the Viterbi Operator
D Each Core Has an Exponent Encoder to
Compute an Exponent Value of a 40-Bit
Accumulator Value in a Single Cycle
D Each Core Has Two Address Generators
With Eight Auxiliary Registers and Two
Auxiliary Register Arithmetic Units
(ARAUs)
D 16-Bit Data Bus With Data Bus Holder
Feature
D 512K-Word × 16-Bit Extended Program
Address Space
D Total of 256K-Word × 16-Bit Dual- and
Single-Access On-Chip RAM (128K-Word x
16-Bit Two-Way Shared Memory)
D Single-Instruction Repeat and
Block-Repeat Operations
D Instructions With 32-Bit-Long Word
Operands
D Instructions With Two or Three Operand
Reads
D Fast Return From Interrupts
D Arithmetic Instructions With Parallel Store
and Parallel Load
D Conditional Store Instructions
D Output Control of CLKOUT
D Output Control of TOUT
D Power Consumption Control With IDLE1,
IDLE2, and IDLE3 Instructions
D Dual 1.8-V (Core) and 3.3-V (I/O) Power
Supplies for Low-Power, Fast Operations
D 10-ns Single-Cycle Fixed-Point Instruction
D Interprocessor Communication via Two
Internal 8-Element FIFOs
D Twelve Channels of Direct Memory Access
(DMA) for Data Transfers With No CPU
Loading (Six Channels Per Subsystem With
External Access)
D Six Multichannel Buffered Serial Ports
(McBSPs) With 128-Channel Selection
Capability (Three McBSPs per Subsystem)
D 16-Bit Host-Port Interface (HPI) Multiplexed
With External Memory Interface Pins
D Software-Programmable Phase-Locked
Loop (APLL) Provides Several Clocking
Options (Requires External Oscillator)
D On-Chip Scan-Based Emulation Logic,
IEEE Standard 1149-1{ (JTAG) Boundary-
Scan Logic
D Two Software-Programmable Timers
(One Per Subsystem)
D Software-Programmable Wait-State
Generator (14 Wait States Maximum)
D Provided in 144-pin MicroStar BGAt Ball
Grid Array (GGU Suffix) and 144-pin
Low-Profile Quad Flatpack (LQFP) (PGE
Suffix) Packages
‡ IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.
MicroStar BGA is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com