Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 92 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 88Page - Texas Instruments TMS320VC5421 Datasheet HTML 89Page - Texas Instruments TMS320VC5421 Datasheet HTML 90Page - Texas Instruments TMS320VC5421 Datasheet HTML 91Page - Texas Instruments TMS320VC5421 Datasheet HTML 92Page - Texas Instruments TMS320VC5421 Datasheet HTML 93Page - Texas Instruments TMS320VC5421 Datasheet HTML 94Page - Texas Instruments TMS320VC5421 Datasheet HTML 95Page - Texas Instruments TMS320VC5421 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 104 page
background image
Electrical Specifications
92
December 1999 − Revised October 2008
SPRS098D
Table 5−36. HPI16 Mode Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(DSL-HDD) Delay time, DS low to HD driven†
3
20
ns
Case 1a: Memory accesses initiated immediately following a write
when DMAC is active in 16-bit mode and tw(DSH) was < 18H
32H+20 − tw(DSH)
ns
Case 1b: Memory accesses initiated by an autoincrement when
DMAC is active in 16-bit mode and tw(DSH) was < 18H
16H+20 − tw(DSH)
ns
td(DSL-HDV1)#
Delay time, DS
low to HD valid
Case 1c: Memory accesses not initiated by an autoincrement (or not
immediately following a write) when DMAC is active in 16-bit mode
16H+20
ns
td(DSL-HDV1)#
low to HD valid
for first word of
an HPI read†
Case 1d: Memory accesses initiated by an autoincrement when
DMAC is active in 16-bit mode and tw(DSH) was ≥ 18H
20
ns
Case 1e: Memory accesses initiated immediately following a write
when DMAC is active in 32-bit mode and tw(DSH) was < 26H
48H+20 − tw(DSH)
ns
Case 1f: Memory access initiated by an autoincrement when DMAC
is active in 32-bit mode and tw(DSH) was < 26H
24H+20 − tw(DSH)
Case 1g: Memory access not initiated by an autoincrement (or not
immediately following a write) when DMAC is active in 32-bit mode
24H+20
ns
Case 1h: Memory access initiated by an autoincrement when DMAC
is active in 32-bit mode and tw(DSH) was ≥ 26H
20
Delay time,
HAS low to HD
Case 2a: Memory accesses initiated immediately following a write
when DMAC is inactive and tw(DSH) was < 10H
20H+20 − tw(DSH)
ns
td(HSL-HDV1)#
HAS low to HD
valid for first
word of an HPI
read
Case 2b: Memory accesses initiated by an autoincrement when
DMAC is inactive and tw(DSH) was < 10H
10H+20 − tw(DSH)
word of an HPI
read
Case 2c: Memory accesses not initiated by an autoincrement (or not
immediately following a write) when DMAC is inactive
10H+20
ns
Case 2d: Memory accesses initiated by an autoincrement when
DMAC is inactive and tw(DSH) was ≥ 10H
20
ns
Case 3: HPIC/HPIA reads
20
td(DSL-HDV2) Multiplexed reads with autoincrement. Prefetch completed.
3
20
ns
Delay time, DS
Memory accesses (or writes to the FETCH bit) when no DMA is
active
10H+5
td(DSH-HYH)#
Delay time, DS
high to HRDY
high§
(writes
and
Memory accesses (or writes to the FETCH bit) with one or more
16-bit DMA channels active
16H+5
ns
td(DSH-HYH)#
(writes
and
autoincrement
reads)
Memory accesses (or writes to the FETCH bit) with one or more
32-bit DMA channels active
24H+5
reads)
Writes to DSPINT and HINT‡
4H + 5
tv(HYH-HDV) Valid time, HD valid after HRDY high
7
ns
th(DSH-HDV)R Hold time, HD valid after DS rising edge, read‡
0
10
ns
td(COH-HYH) Delay time, CLKOUT rising edge to HRDY high
5
ns
td(DSL-HYL) Delay time, DS low to HRDY low¶
12
ns
td(DSH-HYL) Delay time, DS high to HRDY low¶
12
ns
† HAD stands for HCNTL0, HCNTL1, and HR/W.
‡ HDS refers to either HDS1 or HDS2.
§ DS refers to either HCS or HDS, whichever is controlling the transfer. Refer to the TMS320C54x DSP Reference Set, Volume 5: Enhanced
Peripherals (literature number SPRU302) for information regarding logical operation of the HPI16. These timings are shown assuming that
HDS is the signal controlling the transfer.
¶ HRDY does not go low for other register accesses.
# These timings are for HPI accesses which do not cross from one subsystem to the other. For accesses which do cross from one subsystem
to the other, additional cycles are required. A detailed description of these considerations is provided in the application note Memory Transfers
with TMS320VC5420 and TMS320VC5421 DSPs (literature number SPRA620).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com