Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 93 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 93 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 89Page - Texas Instruments TMS320VC5421 Datasheet HTML 90Page - Texas Instruments TMS320VC5421 Datasheet HTML 91Page - Texas Instruments TMS320VC5421 Datasheet HTML 92Page - Texas Instruments TMS320VC5421 Datasheet HTML 93Page - Texas Instruments TMS320VC5421 Datasheet HTML 94Page - Texas Instruments TMS320VC5421 Datasheet HTML 95Page - Texas Instruments TMS320VC5421 Datasheet HTML 96Page - Texas Instruments TMS320VC5421 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 104 page
background image
Electrical Specifications
93
December 1999 − Revised October 2008
SPRS098D
Table 5−36. HPI16 Mode Switching Characteristics (Continued)
PARAMETER
UNIT
MAX
MIN
td(HSL-HYL) Delay time, HAS low to HRDY low, read
12
ns
td(COH−HTX) Delay time, CLKOUT rising edge to HINT change
5
ns
† HAD stands for HCNTL0, HCNTL1, and HR/W.
‡ HDS refers to either HDS1 or HDS2.
§ DS refers to either HCS or HDS, whichever is controlling the transfer. Refer to the TMS320C54x DSP Reference Set, Volume 5: Enhanced
Peripherals (literature number SPRU302) for information regarding logical operation of the HPI16. These timings are shown assuming that
HDS is the signal controlling the transfer.
¶ HRDY does not go low for other register accesses.
# These timings are for HPI accesses which do not cross from one subsystem to the other. For accesses which do cross from one subsystem
to the other, additional cycles are required. A detailed description of these considerations is provided in the application note Memory Transfers
with TMS320VC5420 and TMS320VC5421 DSPs (literature number SPRA620).
PF Data
Data 1
01
01
HRDY
HD[15:0]
HCNTL[1:0]
HR/W
HDS
HAS
HCS
tc(DSH−DSH)
tw(DSH)
tw(DSL)
td(DSL−HDV2)
td(DSH−HYH)†
th(DSH−HDV)R
tv(HYH−HDV)
td(DSL−HDD)
th(HSL−HBV)
tsu(HBV−HSL)
tsu(HSL−DSL)
th(HSL−DSL)
td(DSH−HYL)†
td(HSL−HDV1)
td(HSL−HYL)
† HRDY goes low at these times only after autoincrement reads.
Figure 5−27. Multiplexed Read Timings Using HAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com