Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 33Page - Texas Instruments TMS320VC5421 Datasheet HTML 34Page - Texas Instruments TMS320VC5421 Datasheet HTML 35Page - Texas Instruments TMS320VC5421 Datasheet HTML 36Page - Texas Instruments TMS320VC5421 Datasheet HTML 37Page - Texas Instruments TMS320VC5421 Datasheet HTML 38Page - Texas Instruments TMS320VC5421 Datasheet HTML 39Page - Texas Instruments TMS320VC5421 Datasheet HTML 40Page - Texas Instruments TMS320VC5421 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 104 page
background image
Functional Overview
37
December 1999 − Revised October 2008
SPRS098D
HOST
HPI-16
Data[15:0]
HD[15:0]
R/W
HR/W
Data strobes
HDS1, HDS2, HCS
HRDY
Ready
HPID[15:0]
DMA
54x
CPU
Address[n:0]
HA[n :0]
Figure 3−7. Interfacing to the HPI-16 in Non-Multiplexed Mode
3.6.7 Other HPI16 System Considerations
3.6.7.1
Operation During IDLE
The HPI16 can continue to operate during IDLE1 or IDLE2 by using special clock management logic that turns
on relevant clocks to perform a synchronous memory access, and then turns the clocks back off to save power.
The DSP CPU does not wake up from the IDLE mode during this process.
3.6.7.2
Downloading Code During Reset
The HPI16 can download code while the DSP is in reset. However, the system provides a pin (HPIRS) that
provides a way to take the HPI16 module out of reset while leaving the DSP in reset. The maximum HPI16
data rate is 33 MBps assuming no other DMA activity (100-MIPS DSP subsystem).
3.6.7.3
Performance Issues
On the 5421, the use of SELA/B is optional for access to all on-chip memory. However, with both the 5420 and
5421 implementation using two separate subsystems (subchips), the SELA/B pin is used to select the specific
HPI16 used to access memory.
SELA/B PIN
SUBSYSTEM
0A
1B
Accesses to memory contained inside the same subsystem as the selected HPI16 will be faster. For accesses
to an HPI16 in a subsystem different than the memory being addressed, reads take an additional six cycles
and writes an extra five cycles. Therefore, for performance reasons, it is best to additionally decode SELA/B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com