Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 28Page - Texas Instruments TMS320VC5421 Datasheet HTML 29Page - Texas Instruments TMS320VC5421 Datasheet HTML 30Page - Texas Instruments TMS320VC5421 Datasheet HTML 31Page - Texas Instruments TMS320VC5421 Datasheet HTML 32Page - Texas Instruments TMS320VC5421 Datasheet HTML 33Page - Texas Instruments TMS320VC5421 Datasheet HTML 34Page - Texas Instruments TMS320VC5421 Datasheet HTML 35Page - Texas Instruments TMS320VC5421 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
Functional Overview
32
December 1999 − Revised October 2008
SPRS098D
3.5.1 Software-Programmable Wait-State Generators
The software-programmable wait-state generator can be used to extend external bus cycles up to fourteen
machine cycles to interface with slower off-chip memory and I/O devices. The software wait-state register
(SWWSR) controls the operation of the wait-state generator. The SWWSR of a particular DSP subsystem
(A or B) is used for the external memory interface, depending on the state of the xDMA/XIO arbitration logic
(see Direct Memory Access (DMA) Controller section 3.8 and Table 3−4. The 14 least significant bits (LSBs)
of the SWWSR specify the number of wait states (0–7) to be inserted for external memory accesses to five
separate address ranges. This allows a different number of wait states for each of the five address ranges.
Additionally, the software wait-state multiplier (SWSM) bit of the software wait-state control register (SWCR)
defines a multiplication factor of 1 or 2 for the number of wait states. At reset, the wait-state generator is
initialized to provide seven wait states on all external memory accesses. The SWWSR bit fields are shown
in Figure 3−3 and described in Table 3−4.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
XPA
I/O
Data
Data
Program
Program
R/W=0
R/W=111
R/W=111
R/W=111
R/W=111
R/W=111
LEGEND: R = Read, W = Write
Figure 3−3. Software Wait-State Register (SWWSR) [Memory-Mapped Register (MMR) Address 0028h]
Table 3−4. Software Wait-State Register (SWWSR) Bit Fields
BIT
RESET
FUNCTION
NO.
NAME
RESET
VALUE
FUNCTION
15
XPA
0
Extended program address control bit. XPA is used in conjunction with the program space fields
(bits 0 through 5) to select the address range for program space wait states.
14−12
I/O
1
I/O space. The field value (0−7) corresponds to the base number of wait states for I/O space accesses
within addresses 0000−FFFFh. The SWSM bit of the SWCR defines a multiplication factor of 1 or 2 for
the base number of wait states.
11−9
Data
1
Upper data space. The field value (0−7) corresponds to the base number of wait states for external data
space accesses within addresses 8000−FFFFh. The SWSM bit of the SWCR defines a multiplication
factor of 1 or 2 for the base number of wait states.
8−6
Data
1
Lower data space. The field value (0−7) corresponds to the base number of wait states for external data
space accesses within addresses 0000−7FFFh. The SWSM bit of the SWCR defines a multiplication
factor of 1 or 2 for the base number of wait states.
5−3
Program
1
Upper program space. The field value (0−7) corresponds to the base number of wait states for external
program space accesses within the following addresses:
- XPA = 0: x8000−xFFFFh
- XPA = 1: The upper program space bit field has no effect on wait states.
The SWSM bit of the SWCR defines a multiplication factor of 1 or 2 for the base number of wait states.
2−0
Program
1
Program space. The field value (0−7) corresponds to the base number of wait states for external program
space accesses within the following addresses:
- XPA = 0: x0000−x7FFFh
- XPA = 1: 00000−3FFFFh
The SWSM bit of the SWCR defines a multiplication factor of 1 or 2 for the base number of wait states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com