Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 29Page - Texas Instruments TMS320VC5421 Datasheet HTML 30Page - Texas Instruments TMS320VC5421 Datasheet HTML 31Page - Texas Instruments TMS320VC5421 Datasheet HTML 32Page - Texas Instruments TMS320VC5421 Datasheet HTML 33Page - Texas Instruments TMS320VC5421 Datasheet HTML 34Page - Texas Instruments TMS320VC5421 Datasheet HTML 35Page - Texas Instruments TMS320VC5421 Datasheet HTML 36Page - Texas Instruments TMS320VC5421 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 104 page
background image
Functional Overview
33
December 1999 − Revised October 2008
SPRS098D
The software wait-state multiplier bit of the software wait-state control register (SWCR) is used to extend the
base number of wait states selected by the SWWSR. The SWCR bit fields are shown in Figure 3−4 and
described in Table 3−5.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
SWSM
R/W=0
R/W=0
LEGEND: R = Read, W = Write
Figure 3−4. Software Wait-State Control Register (SWCR) [MMR Address 002Bh]
Table 3−5. Software Wait-State Control Register (SWCR) Bit Fields
PIN
RESET
FUNCTION
NO.
NAME
RESET
VALUE
FUNCTION
15−1
Reserved
0
These bits are reserved and are unaffected by writes.
0
SWSM
0
Software wait-state multiplier. Used to multiply the number of wait states defined in the SWWSR by a factor
of 1 or 2.
- SWSM = 0: wait-state base values are unchanged (multiplied by 1).
- SWSM = 1: wait-state base values are multiplied by 2 for a maximum of 14 wait states.
3.5.2 Programmable Bank-Switching
Programmable bank-switching can be used to insert one cycle automatically when crossing memory-bank
boundaries inside program memory or data memory space. One cycle can also be inserted when crossing
from program-memory space to data-memory space (54x) or one program memory page to another program
memory page. This extra cycle allows memory devices to release the bus before other devices start driving
the bus, thereby avoiding bus contention. The size of the memory bank for the bank-switching is defined by
the bank-switching control register (BSCR), as shown in Figure 3−5. The BSCR of a particular DSP subsystem
(A or B) is used for the external memory interface based on the xDMA/XIO arbitration logic. The BSCR bit
fields are described in Table 3−6.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BNKCMP
PS-DS
Reserved
IPIRQ
Reserved
BH
Reserved
EXIO
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R = Read, W = Write
Figure 3−5. BSCR Register Bit Layout for Each DSP Subsystem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com