Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320VC5421
Description  Fixed-Point Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5421 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 3Page - Texas Instruments TMS320VC5421 Datasheet HTML 4Page - Texas Instruments TMS320VC5421 Datasheet HTML 5Page - Texas Instruments TMS320VC5421 Datasheet HTML 6Page - Texas Instruments TMS320VC5421 Datasheet HTML 7Page - Texas Instruments TMS320VC5421 Datasheet HTML 8Page - Texas Instruments TMS320VC5421 Datasheet HTML 9Page - Texas Instruments TMS320VC5421 Datasheet HTML 10Page - Texas Instruments TMS320VC5421 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
Figures
7
December 1999 − Revised October 2008
SPRS098D
List of Figures
Figure
Page
2−1
144-Pin Low-Profile Flatpack Pin Assignments (PGE − Top View)
13
. . . . . . . . . . . . . . . . . . . . . . . . . . .
2−2
144-Ball MicroStar BGA Pin Assignments (GGU − Bottom View)
16
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−1
TMS320VC5421 Functional Block Diagram
27
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−2
Memory Map Relative to CPU Subsystems A and B
28
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−3
Software Wait-State Register (SWWSR) [Memory-Mapped Register (MMR) Address 0028h]
32
. . .
3−4
Software Wait-State Control Register (SWCR) [MMR Address 002Bh]
33
. . . . . . . . . . . . . . . . . . . . . . .
3−5
BSCR Register Bit Layout for Each DSP Subsystem
33
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−6
Memory Map Relative to Host-Port Interface HPI16
35
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−7
Interfacing to the HPI-16 in Non-Multiplexed Mode
37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−8
Pin Control Register (PCR)
39
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−9
Multichannel Control Register 2x (MCR2x)
39
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−10
Multichannel Control Register 1x (MCR1x)
40
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−11
Receive Channel Enable Registers Bit Layout for Partitions A to H
40
. . . . . . . . . . . . . . . . . . . . . . . . . .
3−12
Transmit Channel Enable Registers Bit Layout for Partitions A to H
40
. . . . . . . . . . . . . . . . . . . . . . . . .
3−13
On-Chip Memory Map Relative to DMA (DLAXS/SLAXS = 0)
42
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−14
DMA External Program Memory Map
43
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−15
Arbitration Between XIO and xDMA for External Access
45
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−16
DMA Transfer Mode Control Register (DMMCRn)
45
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−17
DMPREC Register
47
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−18
Chip Subsystem ID Register
48
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−19
General-Purpose I/O Control Register
48
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−20
Clock Mode Register (CLKMD)
50
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−21
Bit Layout of the IMR and IFR Registers for Subsystems A and B
58
. . . . . . . . . . . . . . . . . . . . . . . . . . .
5−1
3.3-V Test Load Circuit
62
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−2
External Divide-by-Two Clock Timing
64
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−3
External Multiply-by-One Clock Timing
65
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−4
Memory Read (MSTRB = 0)
67
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−5
Memory Write (MSTRB = 0)
68
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−6
Memory Read With Externally Generated Wait States
69
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−7
Memory Write With Externally Generated Wait States
70
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−8
Parallel I/O Port Read (IOSTRB=0)
71
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−9
Parallel I/O Port Write (IOSTRB=0)
72
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−10
I/O Port Read With Externally Generated Wait States
73
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−11
I/O Port Write With Externally Generated Wait States
74
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−12
Reset and BIO Timings
75
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−13
Interrupt Timing
76
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−14
XIO Timing
76
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5−15
HOLD and HOLDA Timings (HM = 1)
78
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com