Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 159 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 159 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 155Page - Texas Instruments TNETV2501INPGF Datasheet HTML 156Page - Texas Instruments TNETV2501INPGF Datasheet HTML 157Page - Texas Instruments TNETV2501INPGF Datasheet HTML 158Page - Texas Instruments TNETV2501INPGF Datasheet HTML 159Page - Texas Instruments TNETV2501INPGF Datasheet HTML 160Page - Texas Instruments TNETV2501INPGF Datasheet HTML 161Page - Texas Instruments TNETV2501INPGF Datasheet HTML 162Page - Texas Instruments TNETV2501INPGF Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 197 page
background image
Electrical Specifications
159
December 2002 − Revised November 2008
SPRS206K
5.8
HOLD/HOLDA Timings
Table 5−15 and Table 5−16 assume testing over recommended operating conditions (see Figure 5−21).
Table 5−15. EMIF.HOLD/HOLDA Timing Requirements†
NO.
MIN
MAX
UNIT
H3
toh(HOLDAL-HOLDL) Hold time, EMIF.HOLD low after EMIF.HOLDA low
E
ns
† E = the EMIF input clock (ECLKIN, CPU/1 clock, CPU1/2 clock, or CPU1/4 clock) period in ns for EMIF.
Table 5−16. EMIF.HOLD/HOLDA Switching Characteristics†‡§
NO.
PARAMETER
MIN
MAX
UNIT
H1
td(HOLDL-EMHZ)
Delay time, EMIF.HOLD low to EMIF Bus high impedance
4E
ns
H2
td(EMHZ-HOLDAL)
Delay time, EMIF Bus high impedance to EMIF.HOLDA low
0
2E
ns
H4
td(HOLDH-EMLZ)
Delay time, EMIF.HOLD high to EMIF Bus low impedance
2E
7E
ns
H5
td(EMLZ-HOLDAH)
Delay time, EMIF Bus low impedance to EMIF.HOLDA high
0
2E
ns
H6
td(HOLDL-EKOHZ)
Delay time, EMIF.HOLD low to ECLKOUTx high impedance
4E
ns
H7
td(HOLDH-EKOLZ)
Delay time, EMIF.HOLD high to ECLKOUTx low impedance
2E
7E
ns
† E = the EMIF input clock (ECLKIN, CPU/1 clock, CPU1/2 clock, or CPU1/4 clock) period in ns for EMIF.
‡ EMIF Bus consists of: EMIF.CE[3:0], EMIF.BE[3:0], EMIF.D[31:0], EMIF.A[21:2], EMIF.ARE/SADS/SDCAS/SRE, EMIF.AOE/SOE/SDRAS, and
EMIF.AWE/SWE/SDWE, EMIF.SDCKE, and EMIF.SOE3.
§ The EKxHZ bits in the EMIF Global Control Registers (EGCR1, EGCR2) determine the state of the ECLKOUTx signals during EMIF.HOLDA.
If EKxHZ = 0, ECLKOUTx continues clocking during HOLD mode. If EKxHZ = 1, ECLKOUTx goes to high impedance during HOLD mode, as
shown in Figure 5−21.
¶ All pending EMIF transactions are allowed to complete before EMIF.HOLDA is asserted. If no bus transactions are occurring, then the minimum
delay time can be achieved. Also, bus hold can be indefinitely delayed by setting NOHOLD = 1.
EMIF.HOLD
EMIF.HOLDA
EMIF Bus†
DSP Owns Bus
External Requestor
Owns Bus
DSP Owns Bus
5501
H1
H3
H2
H5
H4
ECLKOUTx
ECLKOUTx
H6
H7
† EMIF Bus consists of: EMIF.CE[3:0], EMIF.BE[3:0], EMIF.D[31:0], EMIF.A[21:2], EMIF.ARE/SADS/SDCAS/SRE, EMIF.AOE/SOE/SDRAS, and
EMIF.AWE/SWE/SDWE, EMIF.SDCKE, and EMIF.SOE3.
Figure 5−21. EMIF.HOLD/HOLDA Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com