Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 162 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 162 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 158Page - Texas Instruments TNETV2501INPGF Datasheet HTML 159Page - Texas Instruments TNETV2501INPGF Datasheet HTML 160Page - Texas Instruments TNETV2501INPGF Datasheet HTML 161Page - Texas Instruments TNETV2501INPGF Datasheet HTML 162Page - Texas Instruments TNETV2501INPGF Datasheet HTML 163Page - Texas Instruments TNETV2501INPGF Datasheet HTML 164Page - Texas Instruments TNETV2501INPGF Datasheet HTML 165Page - Texas Instruments TNETV2501INPGF Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 197 page
background image
Electrical Specifications
162
December 2002 − Revised November 2008
SPRS206K
5.10 External Interrupt and Interrupt Acknowledge (IACK) Timings
Table 5−19 and Table 5−20 assume testing over recommended operating conditions (see Figure 5−23 and
Figure 5−24).
Table 5−19. External Interrupt and Interrupt Acknowledge Timing Requirements
NO.
MIN
MAX
UNIT
I1
tw(INTL)A
Pulse width, interrupt low, CPU active
3P†
ns
I2
tw(INTH)A
Pulse width, interrupt high, CPU active
1P†
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 300 MHz, use P = 3.33 ns.
Table 5−20. External Interrupt and Interrupt Acknowledge Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
I3
td(COH-IACKV)
Delay time, CLKOUT high to IACK valid‡
0
8
ns
‡ In this case, CLKOUT refers to the CPU clock. Since CLKOUT cannot be programmed to reflect the CPU clock, there might be an extra delay
of a certain number of CPU clocks based on the ratio between the system clock shown on CLKOUT and the CPU clock. For example, if SYSCLK2
is shown on CLKOUT and SYSCLK2 is programmed to be half the CPU clock, there might be an extra delay of one CPU clock period between
the transition of CLKOUT and the specified timing. If system clock is programmed to be one-fourth of the CPU clock, there might be an extra delay
of 1, 2, or 3 CPU clocks between the transition of CLKOUT and the specified timing. The extra delay must be taken into account when considering
the MAX value for the timing under question. Note that if the CPU clock and the system clock shown on CLKOUT are operating at the same
frequency, there will be no extra delay in the specified timing.
I2
I1
INTx, NMI
Figure 5−23. External Interrupt Timings
I3
I3
CLKOUT
IACK
NOTE: The figure shows the case in which CLKOUT is programmed to show a system clock that is operating at the same frequency as
the CPU clock.
Figure 5−24. External Interrupt Acknowledge Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com