Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 166 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 166 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 162Page - Texas Instruments TNETV2501INPGF Datasheet HTML 163Page - Texas Instruments TNETV2501INPGF Datasheet HTML 164Page - Texas Instruments TNETV2501INPGF Datasheet HTML 165Page - Texas Instruments TNETV2501INPGF Datasheet HTML 166Page - Texas Instruments TNETV2501INPGF Datasheet HTML 167Page - Texas Instruments TNETV2501INPGF Datasheet HTML 168Page - Texas Instruments TNETV2501INPGF Datasheet HTML 169Page - Texas Instruments TNETV2501INPGF Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 197 page
background image
Electrical Specifications
166
December 2002 − Revised November 2008
SPRS206K
5.14 TIM0/TIM1/WDTOUT Timings
5.14.1
TIM0/TIM1/WDTOUT Timer Pin Timings
Table 5−26 and Table 5−27 assume testing over recommended operating conditions (see Figure 5−28 and
Figure 5−29).
Table 5−26. TIM0/TIM1/WDTOUT Pins Configured as Timer Input Pins Timing Requirements†
NO.
MIN
MAX
UNIT
T4
tw(TIML)
Pulse width, TIM0/TIM1/WDTOUT low
4P
ns
T5
tw(TIMH)
Pulse width, TIM0/TIM1/WDTOUT high
4P
ns
† P = (Divider1 Ratio)/(CPU Clock Frequency) in ns. For example, when running parts at 300 MHz with the fast peripheral domain at 1/2 the CPU
clock frequency, use P = 2/300 MHz = 6.66 ns.
Table 5−27. TIM0/TIM1/WDTOUT Pins Configured as Timer Output Pins Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
T1
td(COH–TIMH)
Delay time, CLKOUT high to TIM0/TIM1/WDTOUT high‡
0
6
ns
T2
td(COH–TIML)
Delay time, CLKOUT high to TIM0/TIM1/WDTOUT low‡
0
7
ns
T3
tw(TIM)
Pulse duration, TIM0/TIM1/WDTOUT
P†
ns
† P = (Divider1 Ratio)/(CPU Clock Frequency) in ns. For example, when running parts at 300 MHz with the fast peripheral domain at 1/2 the CPU
clock frequency, use P = 2/300 MHz = 6.66 ns.
‡ In this case, CLKOUT reflects SYSCLK1. The CLKOUT Selection Register (CLKOUTSR) can be programmed to select SYSCLK1 as CLKOUT.
TIM0/TIM1/WDTOUT
as Input
T5
T4
Figure 5−28. TIM0/TIM1/WDTOUT Timings When Configured as Timer Input Pins
T1
T2
T3
CLKOUT
TIM0/TIM1/WDTOUT
as Output
Figure 5−29. TIM0/TIM1/WDTOUT Timings When Configured as Timer Output Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com