Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 168 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 168 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 164Page - Texas Instruments TNETV2501INPGF Datasheet HTML 165Page - Texas Instruments TNETV2501INPGF Datasheet HTML 166Page - Texas Instruments TNETV2501INPGF Datasheet HTML 167Page - Texas Instruments TNETV2501INPGF Datasheet HTML 168Page - Texas Instruments TNETV2501INPGF Datasheet HTML 169Page - Texas Instruments TNETV2501INPGF Datasheet HTML 170Page - Texas Instruments TNETV2501INPGF Datasheet HTML 171Page - Texas Instruments TNETV2501INPGF Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 197 page
background image
Electrical Specifications
168
December 2002 − Revised November 2008
SPRS206K
5.14.3
TIM0/TIM1/WDTOUT Interrupt Timings
Table 5−30 assumes testing over recommended operating conditions (see Figure 5−31).
Table 5−30. TIM0/TIM1/WDTOUT Interrupt Timing Requirements†‡
NO.
MIN
MAX
UNIT
T15
tsu(TIM0L−COH)
Setup time, TIM0 low§ before CLKOUT rising edge
5
ns
T16
th(COH−TIM0L)
Hold time, TIM0 low§ after CLKOUT rising edge
0
ns
T17
tw(TIM0L)
Pulse width, TIM0 low§
P
ns
T18
tsu(TIM1L−COH)
Setup time, TIM1 low§ before CLKOUT rising edge
5
ns
T19
th(COH−TIM1L)
Hold time, TIM1 low§ after CLKOUT rising edge
0
ns
T20
tw(TIM1L)
Pulse width, TIM1 low§
P
ns
T21
tsu(WDTL−COH)
Setup time, WDTOUT low§ before CLKOUT rising edge
5
ns
T22
th(COH−WDTL)
Hold time, WDTOUT low§ after CLKOUT rising edge
0
ns
T23
tw(WDTL)
Pulse width, WDTOUT low§
P
ns
† In this case, CLKOUT reflects SYSCLK1. The CLKOUT Selection Register (CLKOUTSR) can be programmed to select SYSCLK1 as CLKOUT.
‡ P = (Divider1 Ratio)/(CPU Clock Frequency) in ns. For example, when running parts at 300 MHz with the fast peripheral domain at 1/2 the CPU
clock frequency, use P = 2/300 MHz = 6.66 ns.
§ An interrupt can be triggered by setting the timer pins high or low, depending on the setting of the TIN1INV bit in the GPIO Interrupt Control Register
(GPINT). Refer to the TMS320VC5501/5502 DSP Timers Reference Guide (literature number SPRU618) for more information on the interrupt
capability of the timer pins.
CLKOUT
TIM0
T15
T16
T17
TIM1
T18
T19
T20
WDTOUT
T21
T22
T23
Figure 5−31. TIM0/TIM1/WDTOUT Interrupt Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com