Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 171 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 171 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 167Page - Texas Instruments TNETV2501INPGF Datasheet HTML 168Page - Texas Instruments TNETV2501INPGF Datasheet HTML 169Page - Texas Instruments TNETV2501INPGF Datasheet HTML 170Page - Texas Instruments TNETV2501INPGF Datasheet HTML 171Page - Texas Instruments TNETV2501INPGF Datasheet HTML 172Page - Texas Instruments TNETV2501INPGF Datasheet HTML 173Page - Texas Instruments TNETV2501INPGF Datasheet HTML 174Page - Texas Instruments TNETV2501INPGF Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 197 page
background image
Electrical Specifications
171
December 2002 − Revised November 2008
SPRS206K
M3, M12
M2, M12
M1, M11
M13
M14
M4
M4
M15
M16
M17
M18
Bit (n−1)
(n−2)
(n−3)
(n−4)
Bit (n−1)
(n−2)
(n−3)
Bit (n−1)
(n−2)
M17
M18
M17
M18
CLKR
FSR (Int)
FSR (Ext)
DR
(RDATDLY=00b)
DR
(RDATDLY=01b)
DR
(RDATDLY=10b)
Figure 5−32. McBSP Receive Timings
M3, M12
M2, M12
M1, M11
M13
M14
M5
M5
M19
M20
M10
M9
M7
M7
M7
M8
M6
M8
Bit 0
Bit (n−1)
(n−2)
(n−3)
(n−4)
Bit 1
Bit 2
Bit (n−1)
(n−2)
(n−3)
Bit (n−1)
(n−2)
CLKX
FSX (Int)
FSX (Ext)
DX
(XDATDLY=00b)
DX
(XDATDLY=01b)
DX
(XDATDLY=10b)
Bit 0
Bit 0
Bit 1
NOTE A:
This figure does not include first or last frames. For first frame, no data will be present before frame synchronization.
For last frame, no data will be present after frame synchronization.
Figure 5−33. McBSP Transmit Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com