Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 173 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 173 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 169Page - Texas Instruments TNETV2501INPGF Datasheet HTML 170Page - Texas Instruments TNETV2501INPGF Datasheet HTML 171Page - Texas Instruments TNETV2501INPGF Datasheet HTML 172Page - Texas Instruments TNETV2501INPGF Datasheet HTML 173Page - Texas Instruments TNETV2501INPGF Datasheet HTML 174Page - Texas Instruments TNETV2501INPGF Datasheet HTML 175Page - Texas Instruments TNETV2501INPGF Datasheet HTML 176Page - Texas Instruments TNETV2501INPGF Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 197 page
background image
Electrical Specifications
173
December 2002 − Revised November 2008
SPRS206K
5.15.3
McBSP as SPI Master or Slave Timings
Table 5−35 to Table 5−42 assume testing over recommended operating conditions (see Figure 5−35 through
Figure 5−38).
Table 5−35. McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 10b, CLKXP = 0)†‡§
NO.
MASTER
SLAVE
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
M30
tsu(DRV–CKXL)
Setup time, DR valid before CLKX low
13
0 − 5P
ns
M31
th(CKXL–DRV)
Hold time, DR valid after CLKX low
1
9 + 6P
ns
M32
tsu(FXL–CKXH)
Setup time, FSX low before CLKX high
10
ns
M33
tc(CKX)
Cycle time, CLKX
2P
16P
ns
† For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
‡ P = (Divider2 Ratio)/(CPU Clock Frequency) in ns. For example, when running parts at 300 MHz with the slow peripheral domain at 1/2 the CPU
clock frequency, use P = 2/300 MHz = 6.66 ns.
§ McBSP register values required to configure the McBSP as an SPI master and as an SPI slave are listed in the
TMS320VC5501/5502/5503/5507/5509/5510 DSP Multichannel Buffered Serial Port (McBSP) Reference Guide (literature number SPRU592).
Table 5−36. McBSP as SPI Master or Slave Switching Characteristics (CLKSTP = 10b, CLKXP = 0)†‡§¶
NO.
PARAMETER
MASTER
SLAVE
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
M24
td(CKXL–FXL)
Delay time, CLKX low to FSX low#
T − 2
T + 6
ns
M25
td(FXL–CKXH)
Delay time, FSX low to CLKX high||
C − 6
C + 4
ns
M26
td(CKXH–DXV)
Delay time, CLKX high to DX valid
−4
6
4P
6P
ns
M27
tdis(CKXL–DXHZ)
Disable time, DX high impedance following last data bit from
CLKX low
C − 2
C +10
ns
M28
tdis(FXH–DXHZ)
Disable time, DX high impedance following last data bit from
FSX high
2P+ 4
4P + 10
ns
M29
td(FXL–DXV)
Delay time, FSX low to DX valid
2P + 4
4P + 10
ns
† For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
‡ P = (Divider2 Ratio)/(CPU Clock Frequency) in ns. For example, when running parts at 300 MHz with the slow peripheral domain at 1/2 the CPU
clock frequency, use P = 2/300 MHz = 6.66 ns.
§ McBSP register values required to configure the McBSP as an SPI master and as an SPI slave are listed in the
TMS320VC5501/5502/5503/5507/5509/5510 DSP Multichannel Buffered Serial Port (McBSP) Reference Guide (literature number SPRU592).
¶ T = BCLKX period = (1 + CLKGDV) * 2P
C = BCLKX low pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2) * 2P when CLKGDV is even
# FSRP = FSXP = 1. As a SPI master, FSX is inverted to provide active-low slave-enable output. As a slave, the active-low signal input on FSX
and FSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for master McBSP
CLKXM = CLKRM = FSXM = FSRM = 0 for slave McBSP
|| FSX should be low before the rising edge of clock to enable slave devices and then begin a SPI transfer at the rising edge of the master clock
(CLKX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com