Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 179 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 179 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 175Page - Texas Instruments TNETV2501INPGF Datasheet HTML 176Page - Texas Instruments TNETV2501INPGF Datasheet HTML 177Page - Texas Instruments TNETV2501INPGF Datasheet HTML 178Page - Texas Instruments TNETV2501INPGF Datasheet HTML 179Page - Texas Instruments TNETV2501INPGF Datasheet HTML 180Page - Texas Instruments TNETV2501INPGF Datasheet HTML 181Page - Texas Instruments TNETV2501INPGF Datasheet HTML 182Page - Texas Instruments TNETV2501INPGF Datasheet HTML 183Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 197 page
background image
Electrical Specifications
179
December 2002 − Revised November 2008
SPRS206K
5.16 Host-Port Interface Timings
5.16.1
HPI Read and Write Timings
Table 5−43 and Table 5−44 assume testing over recommended operating conditions (see Figure 5−39
through Figure 5−43).
Table 5−43. HPI Read and Write Timing Requirements†‡§
NO.
MIN
MAX
UNIT
H9
tsu(HASL−DSL)
Setup time, HPI.HAS low before DS falling edge
5
ns
H10
th(DSL−HASL)
Hold time, HPI.HAS low after DS falling edge
2
ns
H11
tsu(HAD−HASL)
Setup time, HAD valid before HPI.HAS falling edge
5
ns
H12
th(HASL−HAD)
Hold time, HAD valid after HPI.HAS falling edge
5
ns
H13
tw(DSL)
Pulse duration, DS low
15
ns
H14
tw(DSH)
Pulse duration, DS high
2P
ns
H15
tsu(HAD−DSL)
Setup time, HAD valid before DS falling edge
5
ns
H16
th(DSL−HAD)
Hold time, HAD valid after DS falling edge
5
ns
H17
tsu(HD−DSH)
Setup time, HD valid before DS rising edge
5
ns
H18
th(DSH−HD)
Hold time, HD valid after DS rising edge
0
ns
H37
tsu(HCSL-DSL)
Setup time, HCS low before DS falling edge
0
ns
H38
th(HRDYH-DSL)
Hold time, DS low after HRDY rising edge
0
ns
† P = (Divider1 Ratio)/(CPU Clock Frequency) in ns. For example, when running parts at 300 MHz with the fast peripheral domain at 1/2 the CPU
clock frequency, use P = 2/300 MHz = 6.66 ns.
‡ DS refers to logical OR of HCS, HDS1, and HDS2. HD refers to HPI Data Bus. HDS refers to HDS1 or HDS2. HAD refers to HCNTL0, HCNTL1,
HPI.HBIL, and HR/W.
§ A host must not initiate transfer requests until the HPI has been brought out of reset, see Section 3.7, Host-Port Interface (HPI), for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com