Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 180 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 180 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 176Page - Texas Instruments TNETV2501INPGF Datasheet HTML 177Page - Texas Instruments TNETV2501INPGF Datasheet HTML 178Page - Texas Instruments TNETV2501INPGF Datasheet HTML 179Page - Texas Instruments TNETV2501INPGF Datasheet HTML 180Page - Texas Instruments TNETV2501INPGF Datasheet HTML 181Page - Texas Instruments TNETV2501INPGF Datasheet HTML 182Page - Texas Instruments TNETV2501INPGF Datasheet HTML 183Page - Texas Instruments TNETV2501INPGF Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 197 page
background image
Electrical Specifications
180
December 2002 − Revised November 2008
SPRS206K
Table 5−44. HPI Read and Write Switching Characteristics†‡§
NO.
PARAMETER
MIN
MAX
UNIT
Case 1. HPIC or HPIA read
5
15
Case 2. HPID read with
K = 1||
9 * 2H + 20
Case 2. HPID read with
no auto-increment¶
K = 2||
10 * 2H + 20
no auto-increment¶
K = 4||
11 * 2H + 20
H1
td(DSL−HDV)
Delay time, DS low to HD
valid
Case 3. HPID read with
K = 1||
9 * 2H + 20
ns
H1
td(DSL−HDV)
Delay time, DS low to HD
valid
Case 3. HPID read with
auto-increment and read
FIFO initially empty¶
K = 2||
10 * 2H + 20
ns
auto-increment and read
FIFO initially empty¶
K = 4||
11 * 2H + 20
Case 4. HPID read with auto-increment
and data previously prefetched into the
read FIFO
5
15
H2
tdis(DSH−HDV)
Disable time, HD high-impedance from DS high
1
4
ns
H3
ten(DSL−HDD)
Enable time, HD driven from DS low
3
15
ns
H4
td(DSL−HRDYL)
Delay time, DS low to HRDY low
12
ns
H5
td(DSH−HRDYL)
Delay time, DS high to HRDY low
12
ns
Case 1. HPID read with
K = 1||
10 * 2H + 20
Case 1. HPID read with
no auto-increment¶
K = 2||
11 * 2H + 20
ns
H6
td(DSL−HRDYH)
Delay time, DS low to HRDY
no auto-increment¶
K = 4||
12 * 2H + 20
ns
H6
td(DSL−HRDYH)
Delay time, DS low to HRDY
high
Case 2. HPID read with
K = 1||
10 * 2H + 20
high
Case 2. HPID read with
auto-increment and read
FIFO initially empty¶
K = 2||
11 * 2H + 20
ns
auto-increment and read
FIFO initially empty¶
K = 4||
12 * 2H + 20
ns
H7
td(HDV−HRDYH)
Delay time, HD valid to HRDY high
0
ns
H8
td(COH−HINT)
Delay time, CLKOUT high to HINT change#
8
ns
Case 1. HPIA write¶
K = 1, 2, 4||
5 * 2H + 20
H34
td(DSH-HRDYH)
Delay time, DS high to HRDY
Case 2. HPID write with
K = 1||
5 * 2H + 20
ns
H34
td(DSH-HRDYH)
Delay time, DS high to HRDY
high
Case 2. HPID write with
no auto-increment¶
K = 2||
5 * 2H + 20
ns
no auto-increment¶
K = 4||
6 * 2H + 20
Delay time, DS low to HRDY high for HPIA write and FIFO
K = 1||
40 * 2H + 20
H35
td(DSL-HRDYH)
Delay time, DS low to HRDY high for HPIA write and FIFO
not empty¶
K = 2||
40 * 2H + 20
ns
H35
td(DSL-HRDYH)
not empty¶
K = 4||
24 * 2H + 20
ns
H36
td(HASL-HRDYL) Delay time, HPI.HAS low to HRDY low
12
ns
† DS refers to logical OR of HCS, HDS1, and HDS2. HD refers to HPI Data Bus. HDS refers to HDS1 or HDS2. HAD refers to HCNTL0, HCNTL1,
HPI.HBIL, and HR/W.
‡ H is half the SYSCLK1 clock cycle.
§ A host must not initiate transfer requests until the HPI has been brought out of reset, see Section 3.7, Host-Port Interface (HPI), for more details.
¶ Assumes no other DMA or CPU memory activity.
# In this case, CLKOUT reflects SYSCLK1. The CLKOUT Selection Register (CLKOUTSR) can be programmed to select SYSCLK1 as CLKOUT.
|| K = divider ratio between CPU clock and SYSCLK1. For example, when SYSCLK1 is set to the CPU clock divided by four, use K = 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com