Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 119 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 115Page - Texas Instruments TNETV2501INPGF Datasheet HTML 116Page - Texas Instruments TNETV2501INPGF Datasheet HTML 117Page - Texas Instruments TNETV2501INPGF Datasheet HTML 118Page - Texas Instruments TNETV2501INPGF Datasheet HTML 119Page - Texas Instruments TNETV2501INPGF Datasheet HTML 120Page - Texas Instruments TNETV2501INPGF Datasheet HTML 121Page - Texas Instruments TNETV2501INPGF Datasheet HTML 122Page - Texas Instruments TNETV2501INPGF Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 197 page
background image
Functional Overview
119
December 2002 − Revised November 2008
SPRS206K
Table 3−58. DMA Configuration Registers (Continued)
WORD ADDRESS
RESET VALUE
DESCRIPTION
REGISTER NAME
CHANNEL #2 REGISTERS
0x0C40
DMA_CSDP2
DMA Channel 2 Source Destination Parameters
Register
0000 0000 0000 0000
0x0C41
DMA_CCR2(15:0)
DMA Channel 2 Control Register
0000 0000 0000 0000
0x0C42
DMA_CICR2(5:0)
DMA Channel 2 Interrupt Control register
0000 0001 1000 0011
0x0C43
DMA_CSR2(6:0)
DMA Channel 2 Status register
00 0000
0x0C44
DMA_CSSA_L2
DMA Channel 2 Source Start Address, lower bits,
register
Undefined
0x0C45
DMA_CSSA_U2
DMA Channel 2 Source Start Address, upper bits,
register
Undefined
0x0C46
DMA_CDSA_L2
DMA Channel 2 Source Destination Address, lower
bits, register
Undefined
0x0C47
DMA_CDSA_U2
DMA Channel 2 Source Destination Address, upper
bits, register
Undefined
0x0C48
DMA_CEN2
DMA Channel 2 Element Number register
Undefined
0x0C49
DMA_CFN2
DMA Channel 2 Frame Number register
Undefined
0x0C4A
DMA_CSFI2
DMA Channel 2 Source Frame Index register
Undefined
0x0C4B
DMA_CSEI2
DMA Channel 2 Source Element Index register
Undefined
0x0C4C
DMA_CSAC2
DMA Channel 2 Source Address Counter register
Undefined
0x0C4D
DMA_CDAC2
DMA Channel 2 Destination Address Counter register
Undefined
0x0C4E
DMA_CDEI2
DMA Channel 2 Destination Element Index register
Undefined
0x0C4F
DMA_CDFI2
DMA Channel 2 Destination Frame Index register
Undefined
CHANNEL #3 REGISTERS
0x0C60
DMA_CSDP3
DMA Channel 3 Source Destination Parameters
Register
0000 0000 0000 0000
0x0C61
DMA_CCR3(15:0)
DMA Channel 3 Control Register
0000 0000 0000 0000
0x0C62
DMA_CICR3(5:0)
DMA Channel 3 Interrupt Control register
0000 0001 1000 0011
0x0C63
DMA_CSR3(6:0)
DMA Channel 3 Status register
00 0000
0x0C64
DMA_CSSA_L3
DMA Channel 3 Source Start Address, lower bits,
register
Undefined
0x0C65
DMA_CSSA_U3
DMA Channel 3 Source Start Address, upper bits,
register
Undefined
0x0C66
DMA_CDSA_L3
DMA Channel 3 Source Destination Address, lower
bits, register
Undefined
0x0C67
DMA_CDSA_U3
DMA Channel 3 Source Destination Address, upper
bits, register
Undefined
0x0C68
DMA_CEN3
DMA Channel 3 Element Number register
Undefined
0x0C69
DMA_CFN3
DMA Channel 3 Frame Number register
Undefined
0x0C6A
DMA_CSFI3
DMA Channel 3 Source Frame Index register
Undefined
0x0C6B
DMA_CSEI3
DMA Channel 3 Source Element Index register
Undefined
0x0C6C
DMA_CSAC3
DMA Channel 3 Source Address Counter register
Undefined
0x0C6D
DMA_CDAC3
DMA Channel 3 Destination Address Counter register
Undefined
0x0C6E
DMA_CDEI3
DMA Channel 3 Destination Element Index register
Undefined
0x0C6F
DMA_CDFI3
DMA Channel 3 Destination Frame Index register
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com