Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 115 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 111Page - Texas Instruments TNETV2501INPGF Datasheet HTML 112Page - Texas Instruments TNETV2501INPGF Datasheet HTML 113Page - Texas Instruments TNETV2501INPGF Datasheet HTML 114Page - Texas Instruments TNETV2501INPGF Datasheet HTML 115Page - Texas Instruments TNETV2501INPGF Datasheet HTML 116Page - Texas Instruments TNETV2501INPGF Datasheet HTML 117Page - Texas Instruments TNETV2501INPGF Datasheet HTML 118Page - Texas Instruments TNETV2501INPGF Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 197 page
background image
Functional Overview
115
December 2002 − Revised November 2008
SPRS206K
Table 3−55. CPU Memory-Mapped Registers (Continued)
C54X
REGISTER
BIT FIELD
C55X REGISTER DESCRIPTION
WORD ADDRESS
(HEX)
C55X
REGISTER
−
CDP
27
Coefficient Data Pointer
[15−0]
−
AC3L
28
Accumulator 3
[15−0]
−
AC3H
29
[31−16]
−
AC3G
2A
[39−32]
−
DPH
2B
High Part of the Extended Data Page Register
(XDP = DPH:DP)
[6−0]
−
−
2C
Reserved
[6−0]
−
−
2D
Reserved
[6−0]
−
DP
2E
Data Page Register
[15−0]
−
PDP
2F
Peripheral Data Page Register
[8−0]
−
BK47
30
Circular Buffer Size Register for AR[4−7]
[15−0]
−
BKC
31
Circular Buffer Size Register for CDP
[15−0]
−
BSA01
32
Circular Buffer Start Address Register for AR[0−1]
[15−0]
−
BSA23
33
Circular Buffer Start Address Register for AR[2−3]
[15−0]
−
BSA45
34
Circular Buffer Start Address Register for AR[4−5]
[15−0]
−
BSA67
35
Circular Buffer Start Address Register for AR[6−7]
[15−0]
−
BSAC
36
Circular Buffer Start Address Register for CDP
[15−0]
−
BIOS
37
Data Page Pointer Storage Location for 128-word Data Table
[15−0]
−
TRN1
38
Transition Register 1
[15−0]
−
BRC1
39
Block Repeat Counter 1
[15−0]
−
BRS1
3A
BRC1 Save Register
[15−0]
−
CSR
3B
Computed Single Repeat Register
[15−0]
−
RSA0H
3C
Block Repeat Start Address Register 0
[23−16]
−
RSA0L
3D
[15−0]
−
REA0H
3E
Block Repeat End Address Register 0
[23−16]
−
REA0L
3F
[15−0]
−
RSA1H
40
Block Repeat Start Address Register 1
[23−16]
−
RSA1L
41
[15−0]
−
REA1H
42
Block Repeat End Address Register 1
[23−16]
−
REA1L
43
[15−0]
−
RPTC
44
Single Repeat Counter
[15−0]
−
IER1
45
Interrupt Enable Register 1
[15−0]
−
IFR1
46
Interrupt Flag Register 1
[15−0]
−
DBIER0
47
Debug Interrupt Enable Register 0
[15−0]
−
DBIER1
48
Debug Interrupt Enable Register 0
[15−0]
−
IVPD
49
Interrupt Vector Pointer
[15−0]
−
IVPH
4A
Interrupt Vector Pointer
[15−0]
−
ST2_55
4B
Status Register 2
[15−0]
−
SSP
4C
System Stack Pointer
[15−0]
−
SP
4D
Data Stack Pointer
[15−0]
−
SPH
4E
High Part of the Extended Stack Pointers
(XSP = SPH:SP, XSSP = SPH:SSP)
[6−0]
−
CDPH
4F
High Part of the Extended Coefficient Data Pointer
(XCDP = CDPH:CDP)
[6−0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com