Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 113 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 113 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 109Page - Texas Instruments TNETV2501INPGF Datasheet HTML 110Page - Texas Instruments TNETV2501INPGF Datasheet HTML 111Page - Texas Instruments TNETV2501INPGF Datasheet HTML 112Page - Texas Instruments TNETV2501INPGF Datasheet HTML 113Page - Texas Instruments TNETV2501INPGF Datasheet HTML 114Page - Texas Instruments TNETV2501INPGF Datasheet HTML 115Page - Texas Instruments TNETV2501INPGF Datasheet HTML 116Page - Texas Instruments TNETV2501INPGF Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 197 page
background image
Functional Overview
113
December 2002 − Revised November 2008
SPRS206K
3.13.5
Time-Out Control Register (TOCR)
The Time-Out Control Register can be used to select whether or not a time-out error is generated when an
access to a disabled/idled peripheral module occurs. If the CPU or DMA access a disabled/idle peripheral
module and 512 CPU clock cycles pass without an acknowledgement from the peripheral module, then a
time-out error will be sent to the corresponding module if bit 1 in the Time-Out Control Register is set. A
time-out error will generate a CPU bus error that can be serviced through software by using the bus error
interrupt (BERR) (see Section 3.16, Interrupts, for more information on interrupts). If the DMA gets a time-out
error, it will set the TIMEOUT bit in the DMA Status Register (DMACSR) and generate a time-out error that
can be serviced through software by the CPU [see the TMS320VC5501/5502 DSP Direct Memory Access
(DMA) Controller Reference Guide (literature number SPRU613) for more information on using this feature
of the DMA].
The Time-Out Control Register can also be used to select whether or not a time-out error is generated when
a memory access through the EMIF module stalls for more than 512 CPU clock cycles. It is recommended
that this feature not be used for it can cause unexpected results.
15
8
Reserved
R, 00000000
7
21
0
Reserved
EMIFTOEN
PERITOEN
R, 000000
R/W, 0
R/W, 1
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−50. Time-Out Control Register Layout (0x9000)
Table 3−54. Time-Out Control Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−2
R
00000000000000
Reserved
EMIFTOEN
1
R/W
0
EMIF time-out control bit
EMIFTOEN = 0:
A time-out error is not generated when an EMIF
access stalls for more than 512 CPU clock
cycles.
EMIFTOEN = 1:
A time-out error is generated when an EMIF
access stalls for more than 512 CPU clock
cycles.
PERITOEN
0
R/W
1
Peripheral module time-out control bit
PERITOEN = 0:
A time-out error is not generated when a CPU
access to a disabled/idle peripheral module
stalls for more than 512 CPU clock cycles.
PERITOEN = 1:
A time-out error is generated when a CPU
access to a disabled/idle peripheral module
stalls for more than 512 CPU clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com