Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 112 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 108Page - Texas Instruments TNETV2501INPGF Datasheet HTML 109Page - Texas Instruments TNETV2501INPGF Datasheet HTML 110Page - Texas Instruments TNETV2501INPGF Datasheet HTML 111Page - Texas Instruments TNETV2501INPGF Datasheet HTML 112Page - Texas Instruments TNETV2501INPGF Datasheet HTML 113Page - Texas Instruments TNETV2501INPGF Datasheet HTML 114Page - Texas Instruments TNETV2501INPGF Datasheet HTML 115Page - Texas Instruments TNETV2501INPGF Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 197 page
background image
Functional Overview
112
December 2002 − Revised November 2008
SPRS206K
3.13.4
System Configuration Register (CONFIG)
The System Configuration Register can be used to determine the operational state of the ICACHE. If the
ICACHE is not functioning, the CACHEPRES bit of the CONFIG register will be cleared. If the ICACHE is
functioning normally, this bit will be set.
The System Configuration Register bit layout is shown in Figure 3−49 and the bits are described in Table 3−53.
15
8
Reserved
R, 10000010
76
54
3
0
Reserved
CACHEPRES
Reserved
Reserved
R, 00
R, 0
RW, 0†
R, 0000
LEGEND: R = Read, W = Write, n = value at reset
† This Reserved bit must be kept as zero during any writes to CONFIG.
Figure 3−49. System Configuration Register Layout (0x07FD)
Table 3−53. System Configuration Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−6
R
1000001000
Reserved
CACHEPRES
5
R
0
ICACHE present
CACHEPRES = 0: ICACHE is not functioning
CACHEPRES = 1: ICACHE is enabled and working
Reserved
4
R/W
0†
Reserved
Reserved
3−0
R
0000
Reserved
† This Reserved bit must be kept as zero during any writes to CONFIG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com