Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 53 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 49Page - STMicroelectronics L9658 Datasheet HTML 50Page - STMicroelectronics L9658 Datasheet HTML 51Page - STMicroelectronics L9658 Datasheet HTML 52Page - STMicroelectronics L9658 Datasheet HTML 53Page - STMicroelectronics L9658 Datasheet HTML 54Page - STMicroelectronics L9658 Datasheet HTML 55Page - STMicroelectronics L9658 Datasheet HTML 56Page - STMicroelectronics L9658 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
53/64
4.14.13
Satellite module configuration register (CH1 only)
This register define global configuration to the satellite module, in able to be executed
correctly it has to be written for CH1 as the first word after the rising edge of CS_S. When an
MCR command is written to any other channel than CH1, the IC ignores this command and
reply with SPI message $E000.
Bits[1:0]
These bits configure the polarity and the behavior of the MSG
Bits[7:4]
These bits are used to enable CH3 and CH4 to operate in Hall effect sensor mode, disabled
by default
Table 34.
Master configuration register definition (CH1 Only)
Bit
State
Description
D13
0
Not Used
-
D12
0
"B" protocol setup for even parity
(default)
1
"B" protocol setup for odd parity
-
D11
0
CH4 "A" Protocol Mode
(default)
1
CH4 "B" Protocol Mode
-
D10
0
CH3 "A" Protocol Mode
(default)
1
CH3 "B" Protocol Mode
-
D9
0
CH2 "A" Protocol Mode
(default)
1
CH2 "B" Protocol Mode
-
D8
0
CH1 "A" Protocol Mode
(default)
1
CH1 "B" Protocol Mode
-
D7
0
Disable IF4/V4 pin
-
1
Enable IF4/V4 pin
-
D6
0
Disable IF3/V3 pin
-
1
Enable IF3/V3 pin
-
D5
0
IF4/V4 operating in Satellite sensor Mode
(default)
1
IF4/V4 operating in Hall effect sensor Mode
-
D4
0
IF4/V3 operating in Satellite sensor Mode
(default)
1
IF4/V3 operating in Hall effect sensor Mode
-
D3
0
Not USED
-
D2
0
Not USED
-
D1
0
MSG Output remains active when CS_S asserted (default)
-
1
MSG Output inactive when CS_S asserted
-
D0
0
MSG Output Active High
(default)
1
MSG Output Active Low
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com