Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 47Page - STMicroelectronics L9658 Datasheet HTML 48Page - STMicroelectronics L9658 Datasheet HTML 49Page - STMicroelectronics L9658 Datasheet HTML 50Page - STMicroelectronics L9658 Datasheet HTML 51Page - STMicroelectronics L9658 Datasheet HTML 52Page - STMicroelectronics L9658 Datasheet HTML 53Page - STMicroelectronics L9658 Datasheet HTML 54Page - STMicroelectronics L9658 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
51/64
4.14.6
FIFO buffer
The IC includes 4 internal FIFO buffers; one for each output channel, each one is 12 bits
and two levels deep. When D1 in the MCR register is set to 0 (default condition), MSG pin is
asserted and remain asserted as long as there is a message in any of the 4 internal FIFO
buffers.
The FIFO provides error flag via SPI in case of buffer data loss. When writing to a full FIFO
the old data is lost. For example if the FIFO content at the bottom of the stack is $0AA, an
incoming message of $090 will occupy the upper level of the FIFO stack, at this stage the
FIFO is full, but the Data lost flag is not set. When writing another message to the FIFO, for
example $066, the Data lost flag is set and the final FIFO content is $066 (top of stack) and
$090(bottom of stack). When a FIFO read operation is performed via SPI, The FIFO content
$090 is carried over by MISO and Data lost flag is unset. The Data lost flag is also unset
when the FIFO is flushed via SPI command.
4.14.7
Satellite continuity check
Each output has a short circuit protection by independent current limit. When a short circuit
occurs the output becomes current limited, a fault timer latch the output off and a fault
condition bit is reported via SPI.
That output returns to normal operation when it is re-enabled via SPI and the current limit
condition was removed, this fault condition does not interfere with the operation of any of the
other output channels
4.14.8
(IFx/Vx) hall effect support mode
Channels 3 and 4 of the L9658 can by used to provide an analog feed back current as a
1/100th ratio of the sense current in this mode internal FIFO and decoder are bypassed.
This will allow the IF3/V3 and IF4/V4 pins to be connected to a resistor to ground and
provide an analog voltage equivalent to the sense current to be read by an A/D port. These
two pins have an internal clamp as protection.
This mode of operation is accessed by the setting of D4 and D5 in the MCR register. When
D4 and D5 are set to 1, pins IF3/V3 and IF4V4 is configured as analog current output with
1/100th ratio of the sense current. This feature is available for Channels 3 and 4.
4.14.9
(IFx/Vx) raw data out mode
When D4 and D5 in the MCR register are set to 0 the IF3/V3 and IF4/V4 pins are configured
as discrete output pins that provide logic level output voltage of the sensed current based on
the internal current threshold set by the user through the CCR Register, which when used in
conjunction with satellite sensors connected to channels 3 and 4 it can provide raw data out
of the satellite message bypassing the internal decoder.
The output voltage has a reversed polarity to the satellite current such that when the current
drawn by the satellite is below the current detection threshold, the IFx/Vx signal level
transitions into a high state, on the other hand if the current drawn by the satellite exceed the
current detection threshold, IFx/Vx signal transitions into a low state. Bits D6 and D7 in the
MCR register is used to disable this output if it is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com