Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 6Page - STMicroelectronics L9658 Datasheet HTML 7Page - STMicroelectronics L9658 Datasheet HTML 8Page - STMicroelectronics L9658 Datasheet HTML 9Page - STMicroelectronics L9658 Datasheet HTML 10Page - STMicroelectronics L9658 Datasheet HTML 11Page - STMicroelectronics L9658 Datasheet HTML 12Page - STMicroelectronics L9658 Datasheet HTML 13Page - STMicroelectronics L9658 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
Electrical specification
L9658
10/64
Doc ID 14219 Rev 3
3
Electrical specification
3.1
Maximum ratings
The device may not operate properly if maximum operating condition is exceeded.
3.2
Absolute maximum ratings
Caution:
Maximum ratings are absolute ratings; exceeding any one of these values may cause
permanent damage to the integrated circuit.
Table 4.
Maximum operating conditions
Symbol
Parameter
Value
Unit
VDD
Supply voltage
4.9 to 5.1
V
V8BUCK
V8BUCK voltage
7 to 8.5
V
VRES
VRES voltage (VRES0, VRES1, VRES2, VRES3, VRES4, VRES5,
VRES6, VRES7)
35
V
VI
Discrete input voltage (RESETB, DEPEN, CS_A, CS_D, CS_S, SCLK,
SCLK_A, MOSI, MOSI_A, MISO, MISO_A)
-0.3 to (VDD +0.3)
V
Tj
Junction temperature
-40 to 150
°C
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
-0.3 to 5.5
V
V8BUCK
V8BUCK voltage
-0.3 to 40
V
VRES
VRES Voltage (VRES0, VRES1, VRES2, VRES3, VRES4, VRES5,
VRES6, VRES7)
-0.3 to 40
V
SQL-H
Squib high and low side drivers (SQH0, SQH1, SQH2, SQH3, SQH4,
SQH5, SQH6, SQH7,
SQL0, SQL1, SQL2, SQL3, SQL4, SQL5, SQL6, SQL7)
-0.3 to 40
V
VI
Discrete input voltage (RESETB, DEPEN, CS_A, CS_D, CS_S, SCLK,
SCLK_A, MOSI, MOSI_A, MISO, MISO_A)
-0.3 to 5.5
V
ICHx
Satellite input voltage (ICH1, ICH2, ICH3, ICH4)
-3 to 40
V
-
Analog/digital outputs voltage (AOUT, IREF, MSG, IF3V3, IF4V4)
-0.3 to 5.5
V
GNDx
Ground pins voltage (GND, AOUT_GND, GND0, GND1, GND2, GND3,
GND4, GND5, GND6, GND7)
-0.3 to 5.5
V
Tj
Maximum steady-state junction temperature
150
°C
Tamb
Ambient temperature
-40 to 95
°C
Tstg
Storage temperature
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com