Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 32Page - STMicroelectronics L9658 Datasheet HTML 33Page - STMicroelectronics L9658 Datasheet HTML 34Page - STMicroelectronics L9658 Datasheet HTML 35Page - STMicroelectronics L9658 Datasheet HTML 36Page - STMicroelectronics L9658 Datasheet HTML 37Page - STMicroelectronics L9658 Datasheet HTML 38Page - STMicroelectronics L9658 Datasheet HTML 39Page - STMicroelectronics L9658 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
Functional description
L9658
36/64
Doc ID 14219 Rev 3
Odd parity check includes all 16 bits. “Don’t care” bit is included in the parity check as well.
When bit D12 is set to ‘1,’ device executes bit D12 through bit D0. Otherwise, bit D12
through bit D0 is ignored. Diagnostic Mode Response is sent in the subsequent SPI
transmission regardless of bit D12.
The diagnostic currents comprise of diagnostic bias current (IBIAS) and resistance
measurement current (ISRC). Diagnostic bias current is used to run continuity tests, e.g.
short to battery, short to ground, and open circuit tests. During a resistance measurement,
ISRC and ISINK is turned on.
ISRC and ISINK are turned on when bit D8 is ‘1,’ bit D9 is ‘1,’ bit D11 is ‘0,’ and bit D12 is ‘1.’
Otherwise, ISRC and ISINK are off. When bit D11 is set to ‘1,’ MOS diagnostic is enabled.
Depending upon the state of bit D10, either a low side MOS or a high side MOS will be
switched on. When bit D 11 is set to ‘0,’ MOS diagnostic is disabled and bit D10 ignored.
When bit D9 is set to ‘1,’ a diagnostic current source is enabled. Bit D8 determine if IBIAS or
ISRC will be switched on. When bit D9 is set to ‘0,’ the diagnostic current sources is disabled
and bit D8 ignored. Bit D2 through bit D0 selects a specific channel, which will be
connected. The decoding scheme of this channel selection is shown ahead.
Continuity tests and MOS diagnostics are performed through comparators which set proper
bits on diagnostic register.
Differential amplifier used for squib resistance measure reflects the scaled voltage across
SQH and SQL pins. AOUT is connected to the differential amplifier.
Externally, AOUT pin will be connected to an ADC input of a processor. When bit D7 is set to
'1,' AOUT output is enabled. Otherwise, AOUT is in a high impedance state. Multiple devices
may be connected to a single ADC input of a processor. If an AOUT is driven, the rest of
AOUT shall be driven to the high-impedance state.
D9
0
Diagnostic Current Disable (default)
1
Diagnostic Current Enable
D8
0
Diagnostic Bias Current, IBIAS, Enable
1
Resistance Measurement Current, ISRC, Enable
D7
0
AOUT Disable (default)
1
AOUT Enable
D6
-
AOUT/Comparator Channel Select
D5
-
D4
-
D3
0
AOUT: Resistance Measurement (default)
1
AOUT: Calibration
D2
-
Diagnostic Current: Channel Select
D1
-
D0
-
Table 19.
MOSI diagnostic mode message definition (continued)
Bit
State
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com