Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 36Page - STMicroelectronics L9658 Datasheet HTML 37Page - STMicroelectronics L9658 Datasheet HTML 38Page - STMicroelectronics L9658 Datasheet HTML 39Page - STMicroelectronics L9658 Datasheet HTML 40Page - STMicroelectronics L9658 Datasheet HTML 41Page - STMicroelectronics L9658 Datasheet HTML 42Page - STMicroelectronics L9658 Datasheet HTML 43Page - STMicroelectronics L9658 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
Functional description
L9658
40/64
Doc ID 14219 Rev 3
Odd parity check includes all 16 bits. “Don’t care” bit is included in the parity check as well.
Bit D8 is used to select the meaning of bit D7 through bit D0 in the status response
message.
When this bit is set to ‘1,’ bit D7 through D0 in the status response message report the
deployment status OR the deploy success flag. Once the deployment starts, bit D7 through
bit D0 report ‘1’ until the deploy success flag is cleared. Bit D7 through bit D0 shall not report
‘0’ before the deploy success flag is cleared.
The default state of this bit is ‘0.’ When this bit is ‘0,’ bit D7 through bit D0 in the status
response message report the deploy success flag. Deploy success flags are cleared by bit
D7 through bit D0 in the monitor mode command. Deployment status bits report the
deployment state. If the deployment is active during a rising edge of CS_D, deployment
status bits is set to ‘1.’ Otherwise, is set to ‘0.’
If bit D8 in the monitor mode command changes state, bit D7 through bit D0 report the
proper states of the internal signals/flags. Deploy command success bit indicates if the
corresponding channel has finished its deployment sequence. This bit is set when
deployment period, tDEPLOY, has expired.
Once this bit is set, it will inhibit the subsequent deployment command until a SPI command,
to clear this deployment success flag, is received. Bit D7 through bit D0 is used to
clear/keep the deploy success flag. When these bits are set to ‘1,’ the flag can be cleared.
Otherwise, the state of these flags is not affected.
D6
0
Keep Deploy Success Flag Channel 6 (default)
1
Clear Deploy Success Flag Channel 6
D5
0
Keep Deploy Success Flag Channel 5 (default)
1
Clear Deploy Success Flag Channel 5
D4
0
Keep Deploy Success Flag Channel 4 (default)
1
Clear Deploy Success Flag Channel 4
D3
0
Keep Deploy Success Flag Channel 3 (default)
1
Clear Deploy Success Flag Channel 3
D2
0
Keep Deploy Success Flag Channel 2 (default)
1
Clear Deploy Success Flag Channel 2
D1
0
Keep Deploy Success Flag Channel 1 (default)
1
Clear Deploy Success Flag Channel 1
D0
0
Keep Deploy Success Flag Channel 0 (default)
1
Clear Deploy Success Flag Channel 0
Table 21.
MOSI monitor mode message definition (continued)
Bit
State
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com