Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 39Page - STMicroelectronics L9658 Datasheet HTML 40Page - STMicroelectronics L9658 Datasheet HTML 41Page - STMicroelectronics L9658 Datasheet HTML 42Page - STMicroelectronics L9658 Datasheet HTML 43Page - STMicroelectronics L9658 Datasheet HTML 44Page - STMicroelectronics L9658 Datasheet HTML 45Page - STMicroelectronics L9658 Datasheet HTML 46Page - STMicroelectronics L9658 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
43/64
4.12.1
Deployment driver command mode response
Command mode response is defined as shown here after.
DEPEN status flag (bit D12) indicates the state of DEPEN pin.
ARM status flag (bit D11 through bit D8) indicates the state of the respective arming signal,
including the pulse stretch timer. If the pulse stretch timer is initiated by a deployment
command, it shall not assert the arming status flag. This flag will be negated as soon as the
de-glitch timer is expired. ARM status flag is an OR-function of arming states from two
channels.
SPI deploy command status flag indicates the SPI deployment status for the respective
channel. These flags reflects bit D7 through bit D0 of the most recent SPI command mode
message. These bits do not include the status of pulse stretch timer. These bits will be
overwritten by the most recent SPI command mode message.
Table 26.
MISO command mode response definition
Bit
State
Description
D15
0
Mode Bits
D14
1
D13
-
Don’t Care
D12
0
DEPEN Negated
1
DEPEN Asserted
D11
0
ARM67 Negated
1
ARM67 Asserted
D10
0
ARM45 Negated
1
ARM45 Asserted
D9
0
ARM23 Negated
1
ARM23 Asserted
D8
0
ARM01 Negated
1
ARM01 Asserted
D7
-
SPI Deploy Command Status: Channel 7
D6
-
SPI Deploy Command Status: Channel 6
D5
-
SPI Deploy Command Status: Channel 5
D4
-
SPI Deploy Command Status: Channel 4
D3
-
SPI Deploy Command Status: Channel 3
D2
-
SPI Deploy Command Status: Channel 2
D1
-
SPI Deploy Command Status: Channel 1
D0
-
SPI Deploy Command Status: Channel 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com