Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 33Page - STMicroelectronics L9658 Datasheet HTML 34Page - STMicroelectronics L9658 Datasheet HTML 35Page - STMicroelectronics L9658 Datasheet HTML 36Page - STMicroelectronics L9658 Datasheet HTML 37Page - STMicroelectronics L9658 Datasheet HTML 38Page - STMicroelectronics L9658 Datasheet HTML 39Page - STMicroelectronics L9658 Datasheet HTML 40Page - STMicroelectronics L9658 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
L9658
Functional description
Doc ID 14219 Rev 3
37/64
The current sources (IBIAS and ISRC) and the AOUT/Comparators multiplexers are
independently selectable. These multiplexers can address the same channel or individual
channels. They cannot address multiple channels concurrently. It is not possible to source
diagnostic current to more than one channel at a time. The AOUT multiplexer also selects
the measurement channel for the short to ground SGth and short to battery SBth
comparators. Please see Figure 13 for the deployment driver diagnostic block diagram.
This flexibility in multiplexer addressing permits the detection of short between loops. To
detect a short, enable the diagnostic current, direct it to channel X and monitor the MISO
Diagnostic Mode Response bit D7 on the other channels. If no short exists between channel
X and the channel under measurement, the MISO Diagnostic Mode Response will report a
SQL voltage below SGth threshold (D7=1). If a short exists between channel X and the
channel under measurement, the MOSI Diagnostic Mode Response will report a SQL
voltage above SGth threshold (D7=0).
Diagnostic of multiple device, requires the ability to turn on a current source in one device,
while reading AOUT voltage of another device.
Use the MOSI Diagnostic Mode Message to configure the device and the MISO Diagnostic
Mode Response to measure the results. Table 19 and 20 define the MOSI Diagnostic Mode
Message and MISO Diagnostic Mode Response bits respectively.
Bit D6 through bit D4 selects a specific channel, which will be monitored. If AOUT output is
enabled, AOUT shall reflect the voltage on the selected channel. Also, SBTH and SGTH
status bits shall report the status of the respective channel. The decoding scheme of this
channel selection is shown in the following table. The default states of these bits are ‘0’
(channel 0 selected).
Bit D3 is used to calibrate AOUT. If this bit is set to ‘1,’ AOUT pin contains the calibration
voltage. The processor can use this calibration voltage to make adjustment to the
subsequent resistance measurement reading. This is intended to improve the accuracy of
the resistance measurement. When this bit is set to ‘0,’ AOUT pin contains the resistance
measurement results.
The default state of this bit is ‘0.’
Table 20.
Channel selection decoding
Bit D6
Bit D5
Bit D4
Channel Selected
Bit D2
Bit D1
Bit D0
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com