Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 38Page - STMicroelectronics L9658 Datasheet HTML 39Page - STMicroelectronics L9658 Datasheet HTML 40Page - STMicroelectronics L9658 Datasheet HTML 41Page - STMicroelectronics L9658 Datasheet HTML 42Page - STMicroelectronics L9658 Datasheet HTML 43Page - STMicroelectronics L9658 Datasheet HTML 44Page - STMicroelectronics L9658 Datasheet HTML 45Page - STMicroelectronics L9658 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Functional description
L9658
42/64
Doc ID 14219 Rev 3
Bit D12 used to reflect the status of MOSI Read/Write bit.
Bit D11 used to reflect the MOSI bit D11 in the previous command.
Bit D10 is used to indicate the deployment condition set in L9658. Refer to section 5.10.2 for
deployment condition bit in MOSI register mode message.
Bit D9 and bit D8 used to report the period of the pulse stretch timer.
Bit D1 shall be used to indicate a "hard-reset" event. This bit shall be de-asserted ('0'), when
POR is detected, RESETB is asserted, RIREF is out-of-range, or GND connection is lost.
This bit shall be set to '1,' after the bit has been read. A soft reset sequence shall not affect
this bit.
Bit D0 used to report the soft reset sequence status. If valid soft reset sequences are
received, bit D0 is set to ‘1.’ Otherwise, bit D0 is set to ‘0.’
When L9658 receives valid soft reset sequences, it will send MISO register mode response
containing $0001 in the next SPI transmission.
4.12
MISO register mode response summary
Table 24 below summarizes the MISO register mode response of various events and MOSI
messages. The MOISO response shown here is the one received in the next valid SPI
transmission after each event or MOSI write.
Table 25.
MISO register mode response summary
Event/MOSI message
MISO response
POR
$0000
RESETB
$0000
LOSS OF gnd
$0000
RIREF out of range
$0000
MOSI Write Soft Reset: $AA
$1X02
MOSI Write Soft Reset: $55 (after $AA)
$0003
MOSI Write Pulse Stretch Timer
$1X02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com