Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 52Page - STMicroelectronics L9658 Datasheet HTML 53Page - STMicroelectronics L9658 Datasheet HTML 54Page - STMicroelectronics L9658 Datasheet HTML 55Page - STMicroelectronics L9658 Datasheet HTML 56Page - STMicroelectronics L9658 Datasheet HTML 57Page - STMicroelectronics L9658 Datasheet HTML 58Page - STMicroelectronics L9658 Datasheet HTML 59Page - STMicroelectronics L9658 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
Functional description
L9658
56/64
Doc ID 14219 Rev 3
Bits[9:8]
These bits shall configure speed selection for any of the satellite channels and they apply to
both “A” and the "B" Manchester protocol. Upon power up or reset the protocol configuration
shall initialize to the default speed as in shown in below table.
Bits[11:10]
These bits will be used to determine the requested information from each of the satellite
channels internal registers. At power up or incase of POR condition these bits are initialized
to 00 by the IC and MISO bits <12:0> shall default to the content of the MCR register.
Table 38.
"B" protocol configuration
Bit D7
Bit D6
Protocol Data Field
0
0
8bits(default)
01
9bits
1
0
10bits
1
1
11bits
Table 39.
Bit time selection
Bit D9
Bit D8
Guaranteed Frequency operating range (Hz)
0
0
13.3k to 52.33k (default)
0
1
26.32k to 110.74k
1
0
43.50k to 164.20k
1
1
62.66k to 250k
Table 40.
Mode select
Bit D11
Bit D10
Definition
00/01/10
Report This on Next MISO
Bit 13 = SPI odd parity
Bits<15:14
11 (Configuration Reports Mode)
00
If the previous command is a write to the MCR
Register (default)
Report <12:0> Table 35 (MCR) only for CH1
If previous command is a write to the CCRx
Register
Report <12:0> Table 36 (CCR)
0
1
Report <12:0>Table 35 (MCR) (CH1 Only)
1
0
Report <12:0>Table 36 (CCR)
11
Report This on Next MISO
Bit 13 = SPI odd parity
Bits<15:14
 (Satellite Status 00,01 or 10)
1
1
Report FIFO data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com