Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 54Page - STMicroelectronics L9658 Datasheet HTML 55Page - STMicroelectronics L9658 Datasheet HTML 56Page - STMicroelectronics L9658 Datasheet HTML 57Page - STMicroelectronics L9658 Datasheet HTML 58Page - STMicroelectronics L9658 Datasheet HTML 59Page - STMicroelectronics L9658 Datasheet HTML 60Page - STMicroelectronics L9658 Datasheet HTML 61Page - STMicroelectronics L9658 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
Functional description
L9658
58/64
Doc ID 14219 Rev 3
4.14.15
SPI MISO Bits layout for configuration report
Status bits <15:14> indicate the status ofL9658 output channels, status bits are updated at
the falling edge of CS_S and defined by bits <15:14>. Fault codes are pushed into the and
then removed form FIFO on rising edge of CS_S and reported through MISO.
Global and channels faults are encoded in the hexadecimal range between $001 to $01F.
“Global faults” covers all satellite channels. “Channel Fault” covers only a particular channel.
Channel Fault codes are pushed into the FIFO once each time they occur while global faults
are pushed into the FIFO once even if the fault is still present. Bit 13 is set by the IC to
satisfy an odd parity for each of the transmitted word, therefore it will be set to 1 if the total
number of 1’s for bits is even and to 0 if the total number of 1’s for bits is odd.
Table 43.
SPI MISO bits layout when reporting FIFO data
15
14
13
12
11
10
9
87654
3210
M1
M0
P
Configuration Report
Table 44.
MISO Manchester message data definition
Bit
State
Description
D15
-
Status Bits (refer to Table 45)
D14
-
D13
-
Odd Parity
D12
0
No FIFO Data has been lost
1
FIFO Data has been lost
D11:0
FIFO Contents
Table 45.
Status bits definition
Bit D15
Bit D14
Definition
0
0
Current Channel is Off
0
1
Channel ON, Message processing Disabled
1
0
Channel ON, Message processing Enabled
1
1
Configuration report
Table 46.
Satellites fault codes definition supporting “A” protocol
Bit D11:0 value
Fault definition
Function
$0
No Faults (FIFO empty value)
Global Fault Codes Definition
(Reported back for CH1 only &
latched only once)
$1
Unassigned
$2
Bad MOSI Bit Count
$3 - $F
Unassigned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com