Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 7Page - STMicroelectronics L9658 Datasheet HTML 8Page - STMicroelectronics L9658 Datasheet HTML 9Page - STMicroelectronics L9658 Datasheet HTML 10Page - STMicroelectronics L9658 Datasheet HTML 11Page - STMicroelectronics L9658 Datasheet HTML 12Page - STMicroelectronics L9658 Datasheet HTML 13Page - STMicroelectronics L9658 Datasheet HTML 14Page - STMicroelectronics L9658 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
L9658
Electrical specification
Doc ID 14219 Rev 3
11/64
3.3
Electrical characteristics
3.3.1
DC characteristics
VRES = 6.5 to 35 V, VDD = 4.9 to 5.1 V, V8BUCK = 7.0 V to 8.5 V, Tamb = -40 °C to +95 °C
Table 6.
DC specification general
Symbol
Parameter
Test condition
Min.
Typ
Max.
Unit
VRST
(1)
Internal voltage reset VDD
VDD drops until deployment drivers
are disabled
4.0
-
4.5
V
VRST_L
(2)
2.1
-
3.0
IDD
Input current VDD
Normal operation; ICH1-4 = 0 A
6.2
-
8.6
mA
Short to –0.3 V on SQH; ICH1-4 = 0 A
5.5
-
9.5
Short to –0.3 V on SQL; ICH1-4 = 0A
5.5
-
9.5
Deployment; ICH1-4 = 0 A
5.5
-
9.5
RIREF_H
Resistance threshold IREF
-
20.0
-
60.0
k
RIREF_L
-
2.0
-
9.0
k
VIH_RESETB
Input voltage threshold
RESETB
--
-
2.0
V
VIL_RESETB
-0.8
-
-
V
VHYS
-100
-
400
mV
VIH_DEPEN Input voltage threshold
DEPEN
--
2.0
V
VIL_DEPEN
-0.8
-
-
V
IPD
Input pull-down current
DEPEN
VIN = VIL to VDD
10
-
50
A
VIH_TEST
Input voltage threshold TEST
--
-
3.6
V
VIL_TEST
-0.8
-
-
V
ITEST
Input pull-down current TEST TEST = 5 V
1.0
-
2.5
mA
IPU
Input pull-up current RESETB RESETB = VIH to GND
10
-
60
A
IV8BUCK
Current consumption
V8BUCK
-25
-
40
µA
VIH
Input voltage threshold MOSI,
MOSI_A, SCLK, SCLK_A,
CS_S, CS_D, CS_A
Input logic = 1
-
-
2.0
V
VIL
Input logic = 0
0.8
-
-
V
VHYS
-100
-
400
mV
ILKG
Input leakage current MOSI,
MOSI_A, SCLK, SCLK_A
VIN = VDD
--
1
A
VIN = 0 to VIH
-1
-
-
A
IPD
Input pull-down current
CS_S, CS_D, CS_A
VIN = VIL to VDD
10
-
50
A
VOH
Output voltage MISO,
MISO_A, MSG
IOH = -800 AVDD–0.8
-
V
VOL
IOL = 1.6 mA
-
-
0.4
V
IHI_Z
Tri-state current MISO,
MISO_A,
MISO = VDD
-
-
1
A
MISO = 0 V
-1
-
-
A
1.
VRST shall have a POR de-glitch timer.
2.
VRST L shall have no timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com