Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 10Page - STMicroelectronics L9658 Datasheet HTML 11Page - STMicroelectronics L9658 Datasheet HTML 12Page - STMicroelectronics L9658 Datasheet HTML 13Page - STMicroelectronics L9658 Datasheet HTML 14Page - STMicroelectronics L9658 Datasheet HTML 15Page - STMicroelectronics L9658 Datasheet HTML 16Page - STMicroelectronics L9658 Datasheet HTML 17Page - STMicroelectronics L9658 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
Electrical specification
L9658
14/64
Doc ID 14219 Rev 3
3.3.2
AC characteristics
VRES = 6.5 to 35 V, VDD = 4.9 to 5.1 V, V8BUCK = 7.0 V to 8.5 V, Tamb = -40 °C to +95 °C
Table 9.
AC specification: deployment drivers
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tPOR
POR de-glitch timer
Timer for VRST
10
-
25
s
TGLITCH
De-glitch timer
-
5
-
20
s
ION
Diagnostic current
DEPEN pins asserted; Measured at
150
s from falling edge CS_D or
CS_A; See Figure 4
0.90
-
-
IFINAL
tPULSE
Pulse stretch timer
See Table 17
0-
60
ms
tP_ACC
Pulse stretch timer accuracy -
-20
-
20
%
tDEPLOY-2ms Deployment time
VRES = 6.9 to 35 V
(1)
2-
2.5
ms
tDEPLOY-1ms Deployment time
VRES = 12 to 40 V
(1)
1
-
1.15
ms
tFLT_DLY
Fault detection filter(2)
-10
-
50
s
ISLEW
Rmeas current di/dt
10 % - 90 % of ISRC
2-8
tR_DLY
Rmeas current delay
From the falling edge of CS to 10 %
of ISRC
--
15
s
tR_WAIT
Rmeas wait time(2)
Wait time before AOUT voltage is
stable for ADC reading
-
-
100
s
tTIMEOUT
MOS diagnostic on-time
-
-
-
2.5
ms
tILIM
SQL high current protection
timer
-
90
-
110
s
tPROP_DLY
LS/HS MOS turn off
propagation delay(2)
Time is measured from the valid
LS/HS MOS fault to the LS/HS turn
off
--
10
s
1.
Application Information; Test is not performed at high voltage.
2.
Design Information Only
mA
s
---------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com