Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 12Page - STMicroelectronics L9658 Datasheet HTML 13Page - STMicroelectronics L9658 Datasheet HTML 14Page - STMicroelectronics L9658 Datasheet HTML 15Page - STMicroelectronics L9658 Datasheet HTML 16Page - STMicroelectronics L9658 Datasheet HTML 17Page - STMicroelectronics L9658 Datasheet HTML 18Page - STMicroelectronics L9658 Datasheet HTML 19Page - STMicroelectronics L9658 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
Electrical specification
L9658
16/64
Doc ID 14219 Rev 3
VDD = 4.9 to 5.1 V; V8BUCK = 7.0 V to 8.5 V, Tamb = -40 °C to +95 °C
Table 10.
AC specifications: satellite
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Osc
Internal oscillator frequency
Tested with 12.5k 1% Iref resistor
4.45
5.55
MHz
Mdf
De-glitch filter as a function of
protocol speed
Manchester Protocol Excluding
Osc tolerance
Bit<8:7
 00
Bit<8:7
 01
Bit<8:7
 10
Bit<8:7
 11
11.76
%*Bit-
Time
-
23.53
% *Bit-
Time
s
Bitr
Minimum frequency operating
range
(Incoming messages fall
within this operating range is
guaranteed to be accepted by
the IC)
Channel configurations
Bit<8:7
 00
Test at frq = 52.33 kHz
Test at frq =13.32 kHz
13.32
-
52.33
kHz
Bit<8:7
01
Test at frq =110.74 kHz
Test at frq = 26.32 kHz
26.32
-
110.74
kHz
Bit<8:7
10
Test at frq =164.20 kHz
Test at frq = 43.50 kHz
43.50
-
164.20
kHz
Bit<8:7
11
Test at frq =250.63 kHz
Test at frq = 62.66 kHz
62.66
-
250.63
kHz
Bitr
Maximum frequency
operating range
(Incoming messages fall
outside this operating range is
guaranteed to be rejected by
the IC)
Channel configurations
Bit<8:7
 00
Test at frq > 59.14 kHz
Test at frq <11.99 kHz
11.99
-
59.14
kHz
Bit<8:7
01
Test at frq>128.37 kHz
Test at frq <23.57 kHz
23.57
-
128.37
kHz
Bit<8:7
10
Test at frq>194.93 kHz
Test at frq <38.71 kHz
38.71
-
194.93
kHz
Bit<8:7
11
Test at frq>309.6 kHz
Test at frq <55.37 kHz
55.37
-
309.6
kHz
Idle
Idle time
Manchester
2
-
-
Bit Times
Tdl & Tdh
IFx/Vx delay
Test with12.5k 1% Iref resistor
check response from changing
between the following current
levels.
High =0-15 mA,
Low = 66 to 150 mA
-1
-
s
Tdl - Tdh
IFx/Vx delay time differential
ICHX outputs with a 500 s
symmetrical pulse in and 500
s out.
--
0.3
s
Flt
Output fault timer
I_sensor > I_lim
300
-
500
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com