Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 20Page - STMicroelectronics L9658 Datasheet HTML 21Page - STMicroelectronics L9658 Datasheet HTML 22Page - STMicroelectronics L9658 Datasheet HTML 23Page - STMicroelectronics L9658 Datasheet HTML 24Page - STMicroelectronics L9658 Datasheet HTML 25Page - STMicroelectronics L9658 Datasheet HTML 26Page - STMicroelectronics L9658 Datasheet HTML 27Page - STMicroelectronics L9658 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
Functional description
L9658
24/64
Doc ID 14219 Rev 3
command is sent before the timer for the previous command expired, the timer is refreshed.
Sending a deployment-disable command will terminate the pulse stretch timer operation.
ONLY a timer operation started by a deployment-enable command can be terminated. A
deployment-en/disable command does not affect the timer operation started by arming
signal.
When an arming-enable command is sent through SPI, the pulse stretcher is initiated
immediately following the falling edge of CS_A. When another arming-enable command is
sent before the timer for the previous command expired, the timer is refreshed. Sending an
arming disable command terminate the pulse stretch timer operation. ONLY a timer
operation started by an arming-enable command can be terminated. An arming-en/disable
command does not affect the timer operation started by a valid deployment command.
Figure 12.
Deployment flow chart
Note:
MOSI Register Mode: ignored. Next MISO: SPI fault response
MOSI Command Mode: execute for channels NOT in deployment, NO effect to deploying
channel. Next MISO: Command mode response
MOSI Diagnostic Mode: ignored. Next MISO: SPI fault response
MOSI Monitor Mode: execute for all channels. Next MISO: Status response
BEGIN
MOSI_A.Arm = 1
Y
Start/Refresh
Pulse Stretch Timer
SPI MOSI
Command Mode
Y
Pulse Stretch Timer
Expired
N
MISO.Depen = 1
Y
N
Turn on LS and HS FET
N
MISO.Arm.Flg = 1
MISO_A.Arm.St = 1
N
MISO.Arm.Flg = 0
Y
Arming SPI
Transmission
MOSI_A.Arm = 1
Terminate
Pulse Stretch Timer
Y
N
Y
N
MISO.Depl.Cmd.St = 1
MISO.Depl.Cmd.St = 0
MOSI.Depl = 1
Deploy Success Flag = 1
Deploy Flag = 1
t
DEPLOY Expired
Y
N
Y
N
SPI MOSI
Command Mode
MOSI.Depl = 1
N
Start/Refresh
Pulse Stretch Timer
MISO.Depen = 1
Y
Pulse Stretch Timer
Expired
N
Y
N
Terminate
Pulse Stretch Timer
N
MISO.Depl.Cmd.St = 1
MISO.Depl.Cmd.St = 0
Y
Y
Arming SPI
Transmission
Y
N
N
Arming SPI
Transmission
MOSI_A.Arm = 1
Y
Y
MISO.Depen = 1
N
SPI MOSI
Command Mode
Y
MOSI.Depl = 1
N
MISO_A.Arm.St = 0
Y
MISO.Depl.Cmd.St = 0
N
N
MISO_A.Arm.St = 1
Deploy Success
Flag = 1
N
Y
Turn on LS and HS FET
Deploy Success Flag = 1
Deploy Flag = 1
t
DEPLOY Expired
Y
Deploy Success
Flag = 1
N
Y
Y
N
MISO.Arm.Flg = 0
MISO_A.Arm.St = 0
Ignore SPI MOSI1
Ignore SPI MOSI1
Ignore Arming SPI
MISO_A.Arm.St = 0
Ignore Arming SPI
BEGIN
SPI MOSI
Monitor Mode
Y
Deploy Success Flag = 0
N
MOSI.Clr.Scs.Flg = 1
Y
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com