Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 9Page - STMicroelectronics L9658 Datasheet HTML 10Page - STMicroelectronics L9658 Datasheet HTML 11Page - STMicroelectronics L9658 Datasheet HTML 12Page - STMicroelectronics L9658 Datasheet HTML 13Page - STMicroelectronics L9658 Datasheet HTML 14Page - STMicroelectronics L9658 Datasheet HTML 15Page - STMicroelectronics L9658 Datasheet HTML 16Page - STMicroelectronics L9658 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
L9658
Electrical specification
Doc ID 14219 Rev 3
13/64
VDD = 4.9 to 5.1V, V8BUCK = 7.0 V to 8.5 V, Tamb = -40 °C to +95 °C
Table 8.
Satellite interface DC specifications
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
I_Lim
Current limit
High side short to -0.3 V
(-)75
-
(-)150
mA
High side short to Battery
-
-
5
mA
V8BUCK =Vcc=0
measured @ V8BUCK
--
-1
mA
Vhdp
High side voltage drop
I=50 mA @105 °C; V8BUCK=7.0 V
--
1
V
I=25 mA @105 °C; V8BUCK=7.0 V
--
0.5
V
IFr
IF/Iout CH3 & CH4
Iout = -50mA
460
-
540
A
Iout = -5mA
46
-
54
A
Itr
Low to high transition current
threshold
SPI channel configuration
Bit <2:0
111
54.00
-
66.00
mA
Bit <2:0
110
43.65
-
53.35
mA
Bit <2:0
101
35.10
-
42.90
mA
Bit <2:0
100
28.80
-
34.20
mA
Bit <2:0
011
24.85
-
29.15
mA
Bit <2:0
010
20.25
-
24.75
mA
Bit <2:0
001
17.10
-
20.90
mA
Bit <2:0
000
14.85
-
18.15
mA
VCLAMP
IF/Vx CH3 & CH4 clamp
voltage
Rext=33.3 k
; CHx is shorted to
GND
0.95*
Vdd
-
1.05*
Vdd
V
Ihyst
Current threshold hysteresis
Sink current = Ithr at the output
(ICHX).
Ihyst=trip point high – trip point
low
0.05*Itr
-
0.15*Itr
mA
Vos
Short to BAT feedback current
V(ICHX)-V8BUCK<50mV
-
-
25
mA
Olkg
Output leakage current ICHX
V=18 V @ pin under test
-
-
1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com