Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 30Page - STMicroelectronics L9658 Datasheet HTML 31Page - STMicroelectronics L9658 Datasheet HTML 32Page - STMicroelectronics L9658 Datasheet HTML 33Page - STMicroelectronics L9658 Datasheet HTML 34Page - STMicroelectronics L9658 Datasheet HTML 35Page - STMicroelectronics L9658 Datasheet HTML 36Page - STMicroelectronics L9658 Datasheet HTML 37Page - STMicroelectronics L9658 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
Functional description
L9658
34/64
Doc ID 14219 Rev 3
Bit D9 and bit D8 are used to set the period of pulse stretch timer.
The device have 8 independent timers. Either a valid arming signal or a SPI deployment
command is able to start the pulse stretch timer. These bits will set the timer duration. These
values default to %00 after a POR event.
Bit D7 through bit D0 will be used for a soft reset sequence. The soft reset for the
deployment driver is achieved by writing $AA and $55 within two subsequent 16-bit SPI
transmissions. If he sequence is broken, the processor will be required to re-transmit the
sequence.
L9658 does not reset if the sequence is not completed within two subsequent 16-bit SPI
transmissions. This soft reset function is available only to deployment drivers.
When soft reset command is received, the deice reset its deployment driver’s internal logic
and timer. The effects of soft reset to the deployment driver is the same as ones of POR
event, except MISO response.
During a deployment, soft reset sequence is ignored.
4.11.3
Deployment driver command mode
Command Mode message is defined as shown below.
Table 17.
Pulse stretch timer
Bit D9
Bit D8
Stretch period (ms)
00
7.5
01
15
10
30
11
60
Table 18.
MOSI command mode message definition
Bit
State
Description
D15
0
Mode Bits
D14
1
D13
Odd Parity
D12
-
Don’t Care
D11
-
Don’t Care
D10
-
Don’t C are
D9
-
Don’t Care
D8
-
Don’t Care
D7
0
Channel 7 Idle (default)
1
Deploy Channel 7
D6
0
Channel 6 Idle (default)
1
Deploy Channel 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com