Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 22Page - STMicroelectronics L9658 Datasheet HTML 23Page - STMicroelectronics L9658 Datasheet HTML 24Page - STMicroelectronics L9658 Datasheet HTML 25Page - STMicroelectronics L9658 Datasheet HTML 26Page - STMicroelectronics L9658 Datasheet HTML 27Page - STMicroelectronics L9658 Datasheet HTML 28Page - STMicroelectronics L9658 Datasheet HTML 29Page - STMicroelectronics L9658 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
Functional description
L9658
26/64
Doc ID 14219 Rev 3
4.10.1
Deployment driver diagnostic
L9658 is able to perform a short to battery, a short to ground, a resistance measurement
and a MOS diagnostics on its deployment drivers. A short to ground and an open circuit
conditions are distinguished using a resistance measurement. Here below is shown the
diagram of deployment driver diagnostic.
The diagnostic is performed when a valid SPI command is received. Each current sources
(ISRC and IBIAS) and current sinks (ISINK, IPD_SQH) are turn on or off by a SPI command.
IPD_SQH is turned on when IBIAS is turned on. This pull-down (IPD_SQH) is used to deplete
the charge left on the SQH and SQL capacitors. IPD is permanently connected to SQL. This
current sink pull-down SQL pin during an open circuit condition.
Diagnostic current source or sink and comparator or amplifier are independent. It is possible
to turn on or off the current source or sink on a specific channel, while monitoring the
comparator or amplifier on a different channel. This feature is used to run a short between
loop diagnostic.
Figure 13.
Deployment driver diagnostic diagram
Diagnostic
Logic
AMux
SPI
SCLK
CS
MISO
MOSI
SQLx
Over-current
Detection
SQHx
I
SRC
v8buck
VRESx
I
BIAS
V
BIAS
AMP
Resistance
Measurement
CMP1
AOUT
Gate Drive
V
I_TH
SBth
SGth
I
SINK
I
PD
GNDx
I
PD_SQH
AC00211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com