Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9658 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9658
Description  Analog output available for resistance
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9658 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9658 Datasheet HTML 46Page - STMicroelectronics L9658 Datasheet HTML 47Page - STMicroelectronics L9658 Datasheet HTML 48Page - STMicroelectronics L9658 Datasheet HTML 49Page - STMicroelectronics L9658 Datasheet HTML 50Page - STMicroelectronics L9658 Datasheet HTML 51Page - STMicroelectronics L9658 Datasheet HTML 52Page - STMicroelectronics L9658 Datasheet HTML 53Page - STMicroelectronics L9658 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
Functional description
L9658
50/64
Doc ID 14219 Rev 3
Upon power up or after a reset, the device requires at least 1.5 Idle bit-time based on
52.33khz protocol speed or 28.65us before starting to decode the first message, bit-time
shall adapt to the period obtained based on the two sync bits there after.
4.14.3
Communication protocols
The L9658 supports two different communication protocols that are widely used by different
automotive manufactures. One is based on the protocol used by "A" satellite sensors and
the other is "B" protocol that supports variable length messages based on BOSH, PAS3 and
PAS4 protocols. Bits D11D12 in the CCR Register are used to configure the device in order
to use any of these protocols.
4.14.4
"A" protocol
The Delphi sensors satellites protocol supported by this device is shown below. The
message consists of 5 bits CRC cyclic redundancy check error, 12 bit of data and two sync
bits. This information could be sensor’s trace-ability data, or crash severity or velocity data.
The two most significant bits in the data field sent by the sensor can identify these data
types.
Figure 21.
"A" satellite protocol
The CRC error detection code is based on the polynomial x5 + x2+ 1. The L9658 processes
all incoming message through the CRC verification and report an error message via SPI in
case of a CRC mismatch. CRC is performed after a complete message is received, and in
case of CRC error, he device sets a fault code via SPI.
4.14.5
"B" variable length protocol
Figure 22.
"B" satellite protocol
The L9658 IC shall supports "B" satellite protocol, which is based on Bosch sensors
PAS3\PAS4 protocols (In Figure 22 bit order is opposite to PAS3/PAS4 protocol in which
LSB is sent first and MSB last) with added flexibility that the message length in the data field
can be programmed to accept any number of bits between 8 and 11. The protocol consists
of a parity bit, a data field (configurable between 8 to 11 bits) and two sync bits. The IC can
be enabled to use this protocol through the appropriate setting in the MCR register. Once
the protocol is enabled for a specific channel, the protocol speed is configured by setting the
appropriate bits in the CCR register for that particular channel. A parity check is performed
after a complete message is received, and in case of a parity error, the device sets a fault
code via SPI.
DATA
CRC
5
6
7
8
9
10
11
12
13
14
15
16
17
0
1
2
3
4
SYNC1
IDLE
MSB
LSB
SYNC2
18
IDLE2
IDLE1
DATA
5
6
7
8
9
10
11
12
13
0
1
2
3
4
SYNC1
IDLE
LSB
SYNC2
IDLE2
IDLE1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com